Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 2 Page - Cree, Inc

Part # XP-G2
Description  Cree XLamp XP-G2 LEDs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G2 Datasheet(HTML) 2 Page - Cree, Inc

  XP-G2 Datasheet HTML 1Page - Cree, Inc XP-G2 Datasheet HTML 2Page - Cree, Inc XP-G2 Datasheet HTML 3Page - Cree, Inc XP-G2 Datasheet HTML 4Page - Cree, Inc XP-G2 Datasheet HTML 5Page - Cree, Inc XP-G2 Datasheet HTML 6Page - Cree, Inc XP-G2 Datasheet HTML 7Page - Cree, Inc XP-G2 Datasheet HTML 8Page - Cree, Inc XP-G2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® Xp-G2 LED
ChArACtEristiCs
Characteristics
unit
Minimum
typical
Maximum
Thermal resistance, junction to solder point
°C/W
4
Viewing angle (FWHM)
degrees
115
Temperature coefficient of voltage
mV/°C
-1.8
ESD withstand voltage (HBM per Mil-Std-883D)
v
8000
DC forward current
mA
1500
Reverse voltage
v
5
Forward voltage (@ 350 mA, 85 °C)
v
2.8
3.15
Forward voltage (@ 700 mA, 85 °C)
v
2.9
Forward voltage (@ 1000 mA, 85 °C)
v
3.0
Forward voltage (@ 1500 mA, 85 °C)
v
3.1
LeD junction temperature
°C
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com