Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 5 Page - Cree, Inc

Part # XP-G2
Description  Cree XLamp XP-G2 LEDs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G2 Datasheet(HTML) 5 Page - Cree, Inc

  XP-G2 Datasheet HTML 1Page - Cree, Inc XP-G2 Datasheet HTML 2Page - Cree, Inc XP-G2 Datasheet HTML 3Page - Cree, Inc XP-G2 Datasheet HTML 4Page - Cree, Inc XP-G2 Datasheet HTML 5Page - Cree, Inc XP-G2 Datasheet HTML 6Page - Cree, Inc XP-G2 Datasheet HTML 7Page - Cree, Inc XP-G2 Datasheet HTML 8Page - Cree, Inc XP-G2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® Xp-G2 LED
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 26).
•
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
75 Cri typical
80 Cri Minimum
e4
4500 K
S4
164
180
XPGBWT-01-0000-00LE4
S3
156
171
XPGBWT-01-0000-00KE4
S2
148
163
XPGBWT-01-0000-00JE4
XPGBWT-L1-0000-00JE4
R5
139
153
XPGBWT-01-0000-00HE4
XPGBWT-L1-0000-00HE4
R4
130
143
XPGBWT-01-0000-00GE4
XPGBWT-L1-0000-00GE4
R3
122
134
XPGBWT-01-0000-00FE4
XPGBWT-L1-0000-00FE4
R2
114
125
XPGBWT-01-0000-00EE4
XPGBWT-L1-0000-00EE4
Q5
107
118
XPGBWT-L1-0000-00DE4
F5
4250 K
S4
164
180
XPGBWT-01-0000-00LF5
S3
156
171
XPGBWT-01-0000-00KF5
S2
148
163
XPGBWT-01-0000-00JF5
XPGBWT-L1-0000-00JF5
R5
139
153
XPGBWT-01-0000-00HF5
XPGBWT-L1-0000-00HF5
R4
130
143
XPGBWT-01-0000-00GF5
XPGBWT-L1-0000-00GF5
R3
122
134
XPGBWT-01-0000-00FF5
XPGBWT-L1-0000-00FF5
R2
114
125
XPGBWT-01-0000-00EF5
XPGBWT-L1-0000-00EF5
Q5
107
118
XPGBWT-L1-0000-00DF5
e5
4000 K
S4
164
180
XPGBWT-01-0000-00LE5
S3
156
171
XPGBWT-01-0000-00KE5
S2
148
163
XPGBWT-01-0000-00JE5
XPGBWT-L1-0000-00JE5
R5
139
153
XPGBWT-01-0000-00HE5
XPGBWT-L1-0000-00HE5
XPGBWT-H1-0000-00HE5
R4
130
143
XPGBWT-01-0000-00GE5
XPGBWT-L1-0000-00GE5
XPGBWT-H1-0000-00GE5
R3
122
134
XPGBWT-01-0000-00FE5
XPGBWT-L1-0000-00FE5
XPGBWT-H1-0000-00FE5
R2
114
125
XPGBWT-01-0000-00EE5
XPGBWT-L1-0000-00EE5
XPGBWT-H1-0000-00EE5
Q5
107
118
XPGBWT-L1-0000-00DE5
XPGBWT-H1-0000-00DE5
Z5
4000 K
R5
139
153
XPGBWT-L1-0000-00HZ5
XPGBWT-H1-0000-00HZ5
R4
130
143
XPGBWT-L1-0000-00GZ5
XPGBWT-H1-0000-00GZ5
R3
122
134
XPGBWT-L1-0000-00FZ5
XPGBWT-H1-0000-00FZ5
R2
114
125
XPGBWT-L1-0000-00EZ5
XPGBWT-H1-0000-00EZ5
Q5
107
118
XPGBWT-L1-0000-00DZ5
XPGBWT-H1-0000-00DZ5
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com