Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 7 Page - Cree, Inc

Part # XP-G2
Description  Cree XLamp XP-G2 LEDs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G2 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XP-G2 Datasheet HTML 3Page - Cree, Inc XP-G2 Datasheet HTML 4Page - Cree, Inc XP-G2 Datasheet HTML 5Page - Cree, Inc XP-G2 Datasheet HTML 6Page - Cree, Inc XP-G2 Datasheet HTML 7Page - Cree, Inc XP-G2 Datasheet HTML 8Page - Cree, Inc XP-G2 Datasheet HTML 9Page - Cree, Inc XP-G2 Datasheet HTML 10Page - Cree, Inc XP-G2 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Xp-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 26).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
80 Cri typical
80 Cri Minimum
85 Cri Minimum
90 Cri Minimum
F7
3250 K
S2
148
163
XPGBWT-01-0000-
00JF7
R5
139
153
XPGBWT-01-0000-
00HF7
XPGBWT-L1-0000-
00HF7
XPGBWT-H1-0000-
00HF7
R4
130
143
XPGBWT-01-0000-
00GF7
XPGBWT-L1-0000-
00GF7
XPGBWT-H1-0000-
00GF7
R3
122
134
XPGBWT-01-0000-
00FF7
XPGBWT-L1-0000-
00FF7
XPGBWT-H1-0000-
00FF7
R2
114
125
XPGBWT-01-0000-
00eF7
XPGBWT-L1-0000-
00eF7
XPGBWT-H1-0000-
00eF7
Q5
107
118
XPGBWT-L1-0000-
00DF7
XPGBWT-H1-0000-
00DF7
e7
3000 K
S2
148
163
XPGBWT-01-0000-
00JE7
R5
139
153
XPGBWT-01-0000-
00HE7
XPGBWT-L1-0000-
00HE7
XPGBWT-H1-0000-
00HE7
R4
130
143
XPGBWT-01-0000-
00Ge7
XPGBWT-L1-0000-
00Ge7
XPGBWT-H1-0000-
00Ge7
R3
122
134
XPGBWT-01-0000-
00Fe7
XPGBWT-L1-0000-
00Fe7
XPGBWT-H1-0000-
00Fe7
R2
114
125
XPGBWT-01-0000-
00ee7
XPGBWT-L1-0000-
00ee7
XPGBWT-H1-0000-
00ee7
XPGBWT-P1-0000-
00ee7
XPGBWT-U1-0000-
00ee7
Q5
107
118
XPGBWT-L1-0000-
00De7
XPGBWT-H1-0000-
00De7
XPGBWT-P1-0000-
00De7
XPGBWT-U1-0000-
00De7
Q4
100
110
XPGBWT-L1-0000-
00Ce7
XPGBWT-H1-0000-
00Ce7
XPGBWT-P1-0000-
00Ce7
XPGBWT-U1-0000-
00Ce7
Q3
93.9
103
XPGBWT-P1-0000-
00Be7
XPGBWT-U1-0000-
00Be7
Q2
87.4
96.1
XPGBWT-P1-0000-
00Ae7
XPGBWT-U1-0000-
00Ae7
P4
80.6
88.6
XPGBWT-P1-0000-
009e7
XPGBWT-U1-0000-
009e7
P3
73.9
81.2
XPGBWT-P1-0000-
008e7
XPGBWT-U1-0000-
008e7
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com