Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 29 Page - Cree, Inc

Part # XP-G2
Description  Cree XLamp XP-G2 LEDs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G2 Datasheet(HTML) 29 Page - Cree, Inc

Back Button XP-G2 Datasheet HTML 22Page - Cree, Inc XP-G2 Datasheet HTML 23Page - Cree, Inc XP-G2 Datasheet HTML 24Page - Cree, Inc XP-G2 Datasheet HTML 25Page - Cree, Inc XP-G2 Datasheet HTML 26Page - Cree, Inc XP-G2 Datasheet HTML 27Page - Cree, Inc XP-G2 Datasheet HTML 28Page - Cree, Inc XP-G2 Datasheet HTML 29Page - Cree, Inc XP-G2 Datasheet HTML 30Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
29
XLamp® Xp-G2 LED
tAPE AnD rEEL
All Cree carrier tapes conform to EIA-481D, Automated Component Handling Systems Standard.
All dimensions in mm.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
Trailer
160mm (min) of
empty pockets
sealed with tape
(20 pockets min.)
Loaded Pockets
(1000 Lamps)
Leader
400mm (min.) of
empty pockets with
at least 100mm
sealed by tape
(50 empty pockets min.)
12.0
+.3
-.0
1.75
±.10
4±.1
8±.1
2.5±.1
1
/
1
3.000
B
2402-00014
XP HEW LOADING SPEC
--
--
--
--
--
--
11/29/10
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
B
ADDED CATHODE AND ANODE NOTE
REORIENTED DEVICE
DC
2/26/12
END
START
User Feed Direction
CATHODE SIDE
ANODE SIDE
User Feed Direction
7"
1.5± .1
13mm
Pocket Tape
Carrier Tape
Ø13
Ø61 ± 0.5
12.40 0
+
2.00
MEASURED AT HUB
12.40
MEASURED AT INSIDE EDGE
16.40
SHEET 1 OF 1
1:2
2400-00005
SIZE
TITLE
REV.
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X ± 0.3
X° ± 2°
.XX ± .10
.X ± .25
FOR SHEET METAL PARTS ONLY
.XX ± .13
X° ± 1°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
4600 Silicon Drive
Durham, N.C 27703
NOTICE
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
CONTAINED WITHIN ARE THE PROPRIETARY AND
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
OF CREE, INC.
Reel,
7" x 12mm Wide
B
LIUDEZHI
2012/5/25
PS
Ø190
½öÓÃÓÚÆÀ¹À¡£
°æÈ¨ËùÓÐ (c) by Foxit Software Company, 2004
ÓÉ Foxit PDF Editor ±à¼-
OD
7.5''
Ø13
Ø61 ± 0.5
12.40 0
+
2.00
MEASURED AT HUB
12.40
MEASURED AT INSIDE EDGE
16.40
SHEET 1 OF 1
1:2
2400-00005
SIZE
TITLE
REV.
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X ± 0.3
X° ± 2°
.XX ± .10
.X ± .25
FOR SHEET METAL PARTS ONLY
.XX ± .13
X° ± 1°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 361-4770
4600 Silicon Drive
Durham, N.C 27703
NOTICE
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
CONTAINED WITHIN ARE THE PROPRIETARY AND
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
OF CREE, INC.
Reel,
7" x 12mm Wide
B
LIUDEZHI
2012/5/25
PS
Ø190
½öÓÃÓÚÆÀ¹À¡£
°æÈ¨ËùÓÐ (c) by Foxit Software Company, 2004
ÓÉ Foxit PDF Editor ±à¼-
OD
7.5''
Y
Y
X
X
REF 0.59
W
F(III)
P1
D1
1.5 MIN.
Bo
Ao
R0.2
TYPICAL
REF 4.375
Ko
Other material available.
(IV)
(III)
(II)
(I)
hole to centerline of pocket.
Measured from centerline of sprocket
holes is ± 0.20.
Cumulative tolerance of 10 sprocket
to centerline of pocket.
Measured from centerline of sprocket hole
SECTION Y-Y
SECTION X-X
2.0 ±0.05 (I)
P2
1.55
±0.05
Do
4.0 ±0.1 (II)
Po
0.30 ±0.05
T
2.40
Ko
+0.0/-0.1
3.70
1
W
F
P
+/- 0.05
+/- 0.1
+0.3/-0.1
5.50
8.00
12.00
Ao
3.70
+/- 0.1
Bo
+/- 0.1
Y
Y
X
X
REF 0.59
W
F(III)
P1
D1
1.5 MIN.
Bo
Ao
R0.2
TYPICAL
REF 4.375
Ko
Other material available.
(IV)
(III)
(II)
(I)
hole to centerline of pocket.
Measured from centerline of sprocket
holes is ± 0.20.
Cumulative tolerance of 10 sprocket
to centerline of pocket.
Measured from centerline of sprocket hole
SECTION Y-Y
SECTION X-X
2.0 ±0.05 (I)
P2
1.55
±0.05
Do
4.0 ±0.1 (II)
Po
0.30 ±0.05
T
2.40
Ko
+0.0/-0.1
3.70
1
W
F
P
+/- 0.05
+/- 0.1
+0.3/-0.1
5.50
8.00
12.00
Ao
3.70
+/- 0.1
Bo
+/- 0.1
Y
Y
X
X
REF 0.59
W
F(III)
P1
D1
1.5 MIN.
Bo
Ao
R0.2
TYPICAL
REF 4.375
Ko
Other material available.
(IV)
(III)
(II)
(I)
hole to centerline of pocket.
Measured from centerline of sprocket
holes is ± 0.20.
Cumulative tolerance of 10 sprocket
to centerline of pocket.
Measured from centerline of sprocket hole
SECTION Y-Y
SECTION X-X
2.0 ±0.05 (I)
P2
1.55
±0.05
Do
4.0 ±0.1 (II)
Po
0.30 ±0.05
T
2.40
Ko
+0.0/-0.1
3.70
1
W
F
P
+/- 0.05
+/- 0.1
+0.3/-0.1
5.50
8.00
12.00
Ao
3.70
+/- 0.1
Bo
+/- 0.1
CATHODE SIDE
ANODe SIDe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com