Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G2 Datasheet(PDF) 3 Page - Cree, Inc

Part # XP-G2
Description  Cree XLamp XP-G2 LEDs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G2 Datasheet(HTML) 3 Page - Cree, Inc

  XP-G2 Datasheet HTML 1Page - Cree, Inc XP-G2 Datasheet HTML 2Page - Cree, Inc XP-G2 Datasheet HTML 3Page - Cree, Inc XP-G2 Datasheet HTML 4Page - Cree, Inc XP-G2 Datasheet HTML 5Page - Cree, Inc XP-G2 Datasheet HTML 6Page - Cree, Inc XP-G2 Datasheet HTML 7Page - Cree, Inc XP-G2 Datasheet HTML 8Page - Cree, Inc XP-G2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® Xp-G2 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 26).
Cree XLamp XP-G2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
FLuX ChArACtEristiCs (t
J = 85 °C)
The following table provides order codes for XLamp XP-G LeDs. For a complete description of the order code nomenclature, please see
the Bin and Order Code Formats section (page 24). For definitions of the chromaticity kits, please see the Cree’s Standard Chromaticity
Kits section (page 23).
Chromaticity
Minimum Luminous Flux (lm)
@ 350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
70 Cri typical
51
6200 K
S4
164
180
XPGBWT-L1-0000-00L51
S3
156
171
XPGBWT-L1-0000-00K51
S2
148
163
XPGBWT-L1-0000-00J51
R5
139
153
XPGBWT-L1-0000-00H51
R4
130
143
XPGBWT-L1-0000-00G51
R3
122
134
XPGBWT-L1-0000-00F51
53
6000 K
S4
164
180
XPGBWT-L1-0000-00L53
S3
156
171
XPGBWT-L1-0000-00K53
S2
148
163
XPGBWT-L1-0000-00J53
R5
139
153
XPGBWT-L1-0000-00H53
R4
130
143
XPGBWT-L1-0000-00G53
R3
122
134
XPGBWT-L1-0000-00F53
50
6200 K
S4
164
180
XPGBWT-L1-0000-00L50
S3
156
171
XPGBWT-L1-0000-00K50
S2
148
163
XPGBWT-L1-0000-00J50
R5
139
153
XPGBWT-L1-0000-00H50
R4
130
143
XPGBWT-L1-0000-00G50
R3
122
134
XPGBWT-L1-0000-00F50
e1
6500 K
S4
164
180
XPGBWT-L1-0000-00LE1
S3
156
171
XPGBWT-L1-0000-00KE1
S2
148
163
XPGBWT-L1-0000-00JE1
R5
139
153
XPGBWT-L1-0000-00HE1
R4
130
143
XPGBWT-L1-0000-00GE1
R3
122
134
XPGBWT-L1-0000-00FE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com