Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 19 Page - Cree, Inc

Part # XP-G3
Description  Cree XLamp XP-G3 LEDs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G3 Datasheet(HTML) 19 Page - Cree, Inc

Back Button XP-G3 Datasheet HTML 15Page - Cree, Inc XP-G3 Datasheet HTML 16Page - Cree, Inc XP-G3 Datasheet HTML 17Page - Cree, Inc XP-G3 Datasheet HTML 18Page - Cree, Inc XP-G3 Datasheet HTML 19Page - Cree, Inc XP-G3 Datasheet HTML 20Page - Cree, Inc XP-G3 Datasheet HTML 21Page - Cree, Inc XP-G3 Datasheet HTML 22Page - Cree, Inc XP-G3 Datasheet HTML 23Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
19
XLamp® Xp-G3 LED
PerForMAnCe GrouPs - ChroMAtiCity (Continued)
XLamp XP-G3 LEDs are tested for chromaticity and placed into one of the regions defined by the following bounding coordinates.
Easywhite Color temperatures – 3-step Ellipse
bin Code
CCt
Center Point
Major Axis
Minor Axis
rotation Angle
(°)
x
y
a
b
6G
3500 K
0.4073
0.3917
0.00927
0.00414
53.2
7G
3000 K
0.4338
0.4030
0.00834
0.00408
53.2
8G
2700 K
0.4577
0.4099
0.00834
0.00420
48.5
Easywhite Color temperatures – 5-step Ellipse
bin Code
CCt
Center Point
Major Axis
Minor Axis
rotation Angle
(°)
x
y
a
b
2E
5700 K
0.3287
0.3417
0.01230
0.00600
72.0
3e
5000 K
0.3447
0.3553
0.01400
0.00520
65.0
4E
4500 K
0.3611
0.3658
0.01420
0.00550
61.5
5E
4000 K
0.3818
0.3797
0.01565
0.00670
53.7
6e
3500 K
0.4073
0.3917
0.01545
0.00690
54.0
7E
3000 K
0.4338
0.4030
0.01390
0.00680
53.2
8E
2700 K
0.4577
0.4099
0.01350
0.00700
48.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com