Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 1 Page - Cree, Inc

Part # XP-G3
Description  Cree XLamp XP-G3 LEDs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G3 Datasheet(HTML) 1 Page - Cree, Inc

  XP-G3 Datasheet HTML 1Page - Cree, Inc XP-G3 Datasheet HTML 2Page - Cree, Inc XP-G3 Datasheet HTML 3Page - Cree, Inc XP-G3 Datasheet HTML 4Page - Cree, Inc XP-G3 Datasheet HTML 5Page - Cree, Inc XP-G3 Datasheet HTML 6Page - Cree, Inc XP-G3 Datasheet HTML 7Page - Cree, Inc XP-G3 Datasheet HTML 8Page - Cree, Inc XP-G3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product family data sheet
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite®
are registered trademarks and SC5 Technology and the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-G3 LEDs
ProDuCt DEsCriPtion
The XLamp® XP-G3 LeD is the highest
efficacy and most reliable LED in the
XP-G platform. Incorporating elements
of Cree’s SC5 Technology™ Platform, the
XP-G3 LED delivers both high reliability
at high operating temperatures and
high efficacy to meet the higher efficacy
and lumen maintenance requirements
of DLC classification. Optimized for
directional, high-lumen applications,
from indoor and outdoor to portable and
lamp retrofits, the XP-G3 LED delivers the
benefits of the XP-G platform – compact
and proven 3.45 mm x 3.45 mm package
and established ecosystem – enabling
customers to simplify the design process
and shorten time to market.
FEAturEs
• Available in outdoor white and 70-, 80-
and 90-CRI white
• ANSI-compatible chromaticity bins
• 3-step and 5-step options
• Binned at 85 °C
• Maximum drive current: 2000 mA
• Low thermal resistance: 3 °C/W
• Wide viewing angle: 125°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• Electrically neutral thermal path
• RoHS and REACh compliant
• UL® recognized component (E349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics ...................................3
Relative Spectral Power Distribution ...... 11
Relative Flux vs. Junction Temperature.. 11
Electrical Characteristics......................... 12
Relative Flux vs. Current .......................... 12
Relative Chromaticity vs. Current and
Temperature ............................................. 13
Typical Spatial Distribution...................... 14
Thermal Design........................................ 14
Performance Groups – Luminous Flux... 15
Performance Groups – Chromaticity...... 16
Cree’s Standard Chromaticity Regions
Plotted on the 1931 CIE Curve ................ 20
Cree’s Standard Cool White Kits Plotted
on ANSI Standard Chromaticity
Regions..................................................... 22
Cree’s Standard Warm and Neutral
White Kits Plotted on ANSI Standard
Chromaticity Regions .............................. 24
Cree’s EasyWhite® White Kits Plotted on
ANSI Standard Chromaticity Regions..... 25
Cree’s Standard Chromaticity Kits .......... 26
Bin and Order Code Formats................... 27
Reflow Soldering Characteristics............ 28
Notes ........................................................ 29
Mechanical Dimensions .......................... 31
Tape and Reel........................................... 32
Packaging................................................. 33


Similar Part No. - XP-G3

ManufacturerPart #DatasheetDescription
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results

Similar Description - XP-G3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com