Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 31 Page - Cree, Inc

Part # XP-G3
Description  Cree XLamp XP-G3 LEDs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G3 Datasheet(HTML) 31 Page - Cree, Inc

Back Button XP-G3 Datasheet HTML 25Page - Cree, Inc XP-G3 Datasheet HTML 26Page - Cree, Inc XP-G3 Datasheet HTML 27Page - Cree, Inc XP-G3 Datasheet HTML 28Page - Cree, Inc XP-G3 Datasheet HTML 29Page - Cree, Inc XP-G3 Datasheet HTML 30Page - Cree, Inc XP-G3 Datasheet HTML 31Page - Cree, Inc XP-G3 Datasheet HTML 32Page - Cree, Inc XP-G3 Datasheet HTML 33Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
31
XLamp® Xp-G3 LED
MEChAniCAL DiMEnsions (t
A = 25 °C)
Thermal vias, if present, are not shown on these drawings.
All measurements are ±.13 mm unless otherwise indicated.
.
side view
top view
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX ± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX ± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R1.53
1.30
.50
2.30
.50
3.45
3.45
.58
.50
3.30
2.30
.64
.25
.75
1.01
3.30
.50
3.30
.50
1.30
3.30
3.30 REF.
3.30 REF.
1
/
1
22.000
C
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED PCB SOLDER PAD
RECOMMENDED STENCIL PATTERN
(HATCHED AREA IS OPENING)
ALL DIMENSIONS ARE ± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
OPTICAL
REFERENCE
bottom view
Anode
recommended PCb solder Pad
recommended stencil Pattern
(hatched Area is open)
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX ± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX ± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R1.53
1.30
.50
2.30
.50
3.45
3.45
.58
.50
3.30
2.30
.64
.25
.75
1.01
3.30
.50
3.30
.50
1.30
3.30
3.30 REF.
3.30 REF.
1
/
1
22.000
C
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED PCB SOLDER PAD
RECOMMENDED STENCIL PATTERN
(HATCHED AREA IS OPENING)
ALL DIMENSIONS ARE ± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
OPTICAL
REFERENCE
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX ± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX ± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
3.30
3.30
.73
2.26
R1.53
1.30
.50
2.30
.50
3.45
3.45
.58
.50
3.30
2.30
.64
.25
.75
1.01
3.30
.50
3.30
.50
1.30
3.30
3.30 REF.
3.30 REF.
1
/
1
22.000
C
2610-00066
OUTLINE DRAWING XPG G3
10/6/15
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATE APP'D
RECOMMENDED PCB SOLDER PAD
RECOMMENDED STENCIL PATTERN
(HATCHED AREA IS OPENING)
ALL DIMENSIONS ARE ± .13MM UNLESS OTHERWISE NOTED
PRIMARY
ALTERNATIVE
OPTICAL
REFERENCE
OPTICAL
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com