Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 5 Page - Cree, Inc

Part # XP-G3
Description  Cree XLamp XP-G3 LEDs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G3 Datasheet(HTML) 5 Page - Cree, Inc

  XP-G3 Datasheet HTML 1Page - Cree, Inc XP-G3 Datasheet HTML 2Page - Cree, Inc XP-G3 Datasheet HTML 3Page - Cree, Inc XP-G3 Datasheet HTML 4Page - Cree, Inc XP-G3 Datasheet HTML 5Page - Cree, Inc XP-G3 Datasheet HTML 6Page - Cree, Inc XP-G3 Datasheet HTML 7Page - Cree, Inc XP-G3 Datasheet HTML 8Page - Cree, Inc XP-G3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® Xp-G3 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-G3 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
3e
5000 K
S4
164
179
XPGDWT-B1-0000-00L3E
S3
156
170
XPGDWT-B1-0000-00K3E
XPGDWT-H1-0000-00K3E
S2
148
161
XPGDWT-B1-0000-00J3E
XPGDWT-H1-0000-00J3E
R5
139
152
XPGDWT-H1-0000-00H3E
R4
130
142
R3
122
133
XPGDWT-U1-0000-00F3E
R2
114
124
XPGDWT-U1-0000-00E3E
e3
5000 K
S5
172
187
XPGDWT-01-0000-00ME3
S4
164
179
XPGDWT-01-0000-00LE3
XPGDWT-B1-0000-00LE3
S3
156
170
XPGDWT-01-0000-00KE3
XPGDWT-B1-0000-00KE3
XPGDWT-H1-0000-00KE3
S2
148
161
XPGDWT-01-0000-00JE3
XPGDWT-B1-0000-00JE3
XPGDWT-H1-0000-00JE3
R5
139
152
XPGDWT-H1-0000-00HE3
R4
130
142
R3
122
133
XPGDWT-U1-0000-00FE3
R2
114
124
XPGDWT-U1-0000-00EE3
F4
4750K
S4
164
179
XPGDWT-01-0000-00LF4
XPGDWT-B1-0000-00LF4
S3
156
170
XPGDWT-01-0000-00KF4
XPGDWT-B1-0000-00KF4
XPGDWT-H1-0000-00KF4
S2
148
161
XPGDWT-01-0000-00JF4
XPGDWT-B1-0000-00JF4
XPGDWT-H1-0000-00JF4
R5
139
152
XPGDWT-B1-0000-00HF4
XPGDWT-H1-0000-00HF4
R4
130
142
XPGDWT-H1-0000-00GF4
R3
122
133
XPGDWT-U1-0000-00FF4
R2
114
124
XPGDWT-U1-0000-00EF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com