Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-G3 Datasheet(PDF) 9 Page - Cree, Inc

Part # XP-G3
Description  Cree XLamp XP-G3 LEDs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-G3 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XP-G3 Datasheet HTML 5Page - Cree, Inc XP-G3 Datasheet HTML 6Page - Cree, Inc XP-G3 Datasheet HTML 7Page - Cree, Inc XP-G3 Datasheet HTML 8Page - Cree, Inc XP-G3 Datasheet HTML 9Page - Cree, Inc XP-G3 Datasheet HTML 10Page - Cree, Inc XP-G3 Datasheet HTML 11Page - Cree, Inc XP-G3 Datasheet HTML 12Page - Cree, Inc XP-G3 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® Xp-G3 LED
Notes
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
•
Cree XLamp XP-G3 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
F7
3200K
S3
156
170
XPGDWT-01-0000-00KF7
XPGDWT-B1-0000-00KF7
S2
148
161
XPGDWT-01-0000-00JF7
XPGDWT-B1-0000-00JF7
R5
139
152
XPGDWT-01-0000-00HF7
XPGDWT-B1-0000-00HF7
XPGDWT-H1-0000-00HF7
R4
130
142
XPGDWT-H1-0000-00GF7
R3
122
133
R2
114
124
XPGDWT-U1-0000-00EF7
Q5
107
117
XPGDWT-U1-0000-00DF7
Q4
100
109
XPGDWT-U1-0000-00CF7
7E
3000 K
S3
156
170
XPGDWT-B1-0000-00K7E
S2
148
161
XPGDWT-B1-0000-00J7E
R5
139
152
XPGDWT-B1-0000-00H7E
XPGDWT-H1-0000-00H7E
R4
130
142
XPGDWT-H1-0000-00G7E
R3
122
133
R2
114
124
XPGDWT-U1-0000-00E7E
Q5
107
117
XPGDWT-U1-0000-00D7E
Q4
100
109
XPGDWT-U1-0000-00C7E
7G
3000 K
R2
114
124
XPGDWT-U1-0000-00E7G
Q5
107
117
XPGDWT-U1-0000-00D7G
Q4
100
109
XPGDWT-U1-0000-00C7G
E7
3000 K
S3
156
170
XPGDWT-01-0000-00KE7
XPGDWT-B1-0000-00KE7
S2
148
161
XPGDWT-01-0000-00JE7
XPGDWT-B1-0000-00JE7
R5
139
152
XPGDWT-01-0000-00HE7
XPGDWT-B1-0000-00HE7
XPGDWT-H1-0000-00HE7
R4
130
142
XPGDWT-H1-0000-00GE7
R3
122
133
R2
114
124
XPGDWT-U1-0000-00EE7
Q5
107
117
XPGDWT-U1-0000-00DE7
Q4
100
109
XPGDWT-U1-0000-00CE7
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com