Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNS655-MU Datasheet(PDF) 5 Page - Artesyn Technologies

Part # CNS655-MU
Description  650 Watt AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CNS655-MU Datasheet(HTML) 5 Page - Artesyn Technologies

  CNS655-MU Datasheet HTML 1Page - Artesyn Technologies CNS655-MU Datasheet HTML 2Page - Artesyn Technologies CNS655-MU Datasheet HTML 3Page - Artesyn Technologies CNS655-MU Datasheet HTML 4Page - Artesyn Technologies CNS655-MU Datasheet HTML 5Page - Artesyn Technologies CNS655-MU Datasheet HTML 6Page - Artesyn Technologies CNS655-MU Datasheet HTML 7Page - Artesyn Technologies CNS655-MU Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CNS650-M Series Data Sheet
Mechanical Drawings (“-MF” Suffix for Open-frame Construction/12 V only)
INPUT CONNECTOR
DINKLE EHK762V-03P
TORQUE: 4kgf-cm MAX.
RoHS LABEL
MODEL LABEL
OUTPUT TERMINALS
SCREW M4X8 (4X)
TORQUE: 10kgf-cm MAX.
20-WAY
SIGNAL CONNECTOR
4.5
141.9
152.4 0.5
43.9 1
4.5
143.4
1.9 REF
L-0P
4X M3
MOUNTING
HOLE
VR408
TRIMPOT FOR OUTPUT ADJUSTABILITY
COUNTER-CLOCKWISE:
INCREASE OUTPUT VOLTAGE
J306 FAN CONNECTOR
J304
C40
D1
PE
L
N
L1
Thermal Hot Spot Reference
Component
Temperature Limit (-MF)
D1 (AC bridge diode)
120 °C
L1 (PFC choke)
120°C
C40 (output cap)
100 °C
L-output (output choke)
125 °C
Do not exceed indicated temperature limits to ensure operation is within the
component thermal derating limits. Measure the component temperatures
using K type thermocouples.
Unit weight (-MF suffix): 650 g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com