Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNS655-MU Datasheet(PDF) 7 Page - Artesyn Technologies

Part # CNS655-MU
Description  650 Watt AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CNS655-MU Datasheet(HTML) 7 Page - Artesyn Technologies

  CNS655-MU Datasheet HTML 1Page - Artesyn Technologies CNS655-MU Datasheet HTML 2Page - Artesyn Technologies CNS655-MU Datasheet HTML 3Page - Artesyn Technologies CNS655-MU Datasheet HTML 4Page - Artesyn Technologies CNS655-MU Datasheet HTML 5Page - Artesyn Technologies CNS655-MU Datasheet HTML 6Page - Artesyn Technologies CNS655-MU Datasheet HTML 7Page - Artesyn Technologies CNS655-MU Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CNS650-M Series Data Sheet
Performance Curves
Level B
Figure 1. Output Power vs. Ambient Temperature at Natural Convection and Forced Air
Cooling
Figure 2. Output Power vs. Input Line at Natural Convection and Forced Air Cooling
Figure 3. Typical Efficiency for 12 V Output
Figure 4. Typical Efficiency for 24 V Output
Figure 5. Typical Efficiency for 48 V Output
0
100
200
300
400
500
600
700
0
10
20
30
40
50
60
70
80
90
Ambient Temperature [°C]
Output Power Derating
Convection (MF)
Convection (MU)
400 LFM (MF/MU)
200 LFM (MF/MU)
ME (End Fan)
0
100
200
300
400
500
600
700
90
110
130
150
170
190
210
230
250
270
AC Input Line [Vac]
Output Power VS. Input Line
Convection (MF)
Convection (MU)
400 LFM (MF/MU)
200 LFM (MF/MU)
ME (End Fan)
89%
90%
91%
92%
93%
94%
95%
96%
0
0.2
0.4
0.6
0.8
1
Output Load (% of 650W)
CNS653‐Mx (12V) Efficiency Curve
115 VAC
230 VAC
89%
90%
91%
92%
93%
94%
95%
96%
0
0.2
0.4
0.6
0.8
1
Output Load (% of 650W)
CNS655‐Mx (24V) Efficiency Curve
115 VAC
230 VAC
89%
90%
91%
92%
93%
94%
95%
96%
0
0.2
0.4
0.6
0.8
1
Output Load (% of 650W)
CNS658‐Mx (48V) Efficiency Curve
115 VAC
230 VAC
Figure 6. Estimated Product Useful Life Based on C40 Case Temperature
0
25
50
75
100
125
150
75
80
85
90
95
100
105
110
C40 Temperature [°C]
Estimated Service Life vs. Component Temp
Esimated Life



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com