Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNS655-MU Datasheet(PDF) 1 Page - Artesyn Technologies

Part # CNS655-MU
Description  650 Watt AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CNS655-MU Datasheet(HTML) 1 Page - Artesyn Technologies

  CNS655-MU Datasheet HTML 1Page - Artesyn Technologies CNS655-MU Datasheet HTML 2Page - Artesyn Technologies CNS655-MU Datasheet HTML 3Page - Artesyn Technologies CNS655-MU Datasheet HTML 4Page - Artesyn Technologies CNS655-MU Datasheet HTML 5Page - Artesyn Technologies CNS655-MU Datasheet HTML 6Page - Artesyn Technologies CNS655-MU Datasheet HTML 7Page - Artesyn Technologies CNS655-MU Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
POWER
CNS650-M Series
650 Watt AC-DC Power Supplies
Total Power: 650 Watts
Input Voltage: 90 - 264 V
# of Outputs: Single
SPECIAL FEATURES
ƒ
Designed for forced air and natural
convection cooling
ƒ
Medical and ITE safety approvals,
2x MOPP
ƒ
PMBus™ interface
ƒ
Active current share with OR-ing
FET
ƒ
Dual fused
ƒ
Type BF ready
ƒ
Active Power Factor Correction,
61000-3-2 compliant
ƒ
Built-in Class B EMI filter
ƒ
Less than 1U high
ƒ
4” x 6” U-channel construction
(open-frame or end-fan variants
available for 12 V)
ƒ
<500 mW no-load power
consumption
ƒ
Three-year warranty (consult
factory for extended terms)
SAFETY
ƒ
UL/CSA: ES60601-1/C22.2 No.
60601-1
UL 60950-1/C22.2 No.
60950-1
ƒ
TÜV:
EN 60601-1
ƒ
DEMKO: EN 60950-1
ƒ
CB:
IEC 60950-1/IEC 60601-1
ƒ
CCC:
GB4943.1/GB9254;
GB17625.1
ƒ
CE:
LVD, RoHS
Electrical Specifications
Input
Input voltage range
90 - 264 Vrms
Frequency
47 - 63 Hz (360 - 440 Hz with higher leakage)
Inrush current
50 Apk, cold start
Leakage current
<300 µA
No load power
< 500 mW
Output
Maximum power
650 W, forced-air cooling (750 W peak)
400 W, free-air natural convection cooling (650 W peak)
Adjustment range
-0% / +15%
Holdup time
20 ms @ 400 W
Fan output
12 V @ 1.0 A (forced air)
12 V @ 0.5 A (natural convection)
Standby output
5 V @ 2.0 A (forced air)
5 V @ 1.0 A (natural convection)
Data Sheet


Similar Part No. - CNS655-MU

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CNS655-MU ARTESYN-CNS655-MU Datasheet
1Mb / 8P
Type BF ready
More results

Similar Description - CNS655-MU

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
650 WATT MEDICAL POWER SUPPLIES
TOP100-12 TRUMPOWER-TOP100-12 Datasheet
124Kb / 2P
60-96 WATT AC/DC SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
PSAIC WALL-PSAIC Datasheet
413Kb / 4P
3 Watt AC/DC Switching Power Supplies
PSAPCN WALL-PSAPCN Datasheet
168Kb / 6P
15 Watt AC/DC Switching Power Supplies
PSATCN WALL-PSATCN Datasheet
857Kb / 6P
15 Watt AC/DC Switching Power Supplies
PSGKF-200 WALL-PSGKF-200 Datasheet
130Kb / 4P
Watt AC/DC Switching Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
40 Watt Medical AC - DC Switching Power Supplies
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
250 Watt AC-DC Power Supplies
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC_18 Datasheet
340Kb / 6P
2 Watt AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC_18 Datasheet
211Kb / 3P
2 Watt AC/DC PCB Mount Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com