Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNS655-MU Datasheet(PDF) 3 Page - Artesyn Technologies

Part # CNS655-MU
Description  650 Watt AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CNS655-MU Datasheet(HTML) 3 Page - Artesyn Technologies

  CNS655-MU Datasheet HTML 1Page - Artesyn Technologies CNS655-MU Datasheet HTML 2Page - Artesyn Technologies CNS655-MU Datasheet HTML 3Page - Artesyn Technologies CNS655-MU Datasheet HTML 4Page - Artesyn Technologies CNS655-MU Datasheet HTML 5Page - Artesyn Technologies CNS655-MU Datasheet HTML 6Page - Artesyn Technologies CNS655-MU Datasheet HTML 7Page - Artesyn Technologies CNS655-MU Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CNS650-M Series Data Sheet
Ordering Information
Model Number
Output
Voltage
Vout Adjust
Range
(-0% /+15%)
Minimum
Load
Max. Continuous
Load
(Free Air)
Max. Peak
Load
(Free Air)1
Max. Continuous
Load
(Forced Air)2
Max. Peak
Load
(Forced Air)2
Regulation3 Ripple (p-p)4
CNS653-ME5
12 V
12 - 13.8 V
0 A
NA
NA
54.2 A
62.5 A
±2%
120 mV
CNS653-MF5
12 V
12 - 13.8 V
0 A
30.0 A
54.2 A
54.2 A
62.5 A
±2%
120 mV
CNS653-MU
12 V
12 - 13.8 V
0 A
33.3 A
54.2 A
54.2 A
62.5 A
±2%
120 mV
CNS655-MU
24 V
24 - 27.6 V
0 A
16.7 A
27.1 A
27.1 A
31.3 A
±2%
240 mV
CNS658-MU
48 V
48 - 55.2 V
0 A
8.3 A
13.5 A
13.5 A
15.6 A
±2%
480 mV
1
Peak load current not to exceed 10 seconds, Ta = 50 °C.
2
Requires at least 400 LFM of airflow.
3
At 25 °C including factory setpoint, line voltage and load current variations.
4
Peak-to-peak ripple measured at the output terminal with 20 MHz bandwidth and 10 µF (tantalum capacitor) in parallel with 0.1 µF capacitor across the output.
5
Optional Suffix “-ME” (end-fan) and “-MF: (open-frame) available on the 12 V output.
Input Connections (-MU and -MF Suffix)
Pin
Function
Power Supply Side
System Side
TB1
PE
Dinkle EHK762V-03P
Max Torque: 4kgf-cm
Recommended Wire
Size: AWG #22 to #14
TB2
L2/Neutral
TB3
L1/Line
Input Connections (-ME Suffix)
Pin
Function
Power Supply Side
System Side
IEC
Inlet
Input AC
IEC 60320 C14 (Male)
IEC Cord C13 (Female)
Output Connections
Pin
Function
Power Supply Side
System Side
BAR1
-Vout
Output Terminal Screw:
M4X8 (4X)
Max Torque: 10kgf-cm
Molex 19099-0032 or
19141-0063 for AWG #16
to #14
Molex 19099-0048 or
19141-0083 for AWG #12
to #10
BAR2
-Vout
BAR3
+Vout
BAR4
+Vout
Other Output and Control Connections (Connector J304)
Pin
Designation
Description
1
5VSB
+5 V Standby Output
J304 20-Pin Connector (PSU Side):
2
5VSB
+5 V Standby Output
Landwin: 2052P20008T or
3
5VSB_GND
+5 V Standby Output Return/Ground
CviLux: CI0120P1HD0-LF
4
SCL
Serial Clock Signal (I2C)
5
A0
EEPROM Address
Recommended Mating Connectors:
6
SDA
Serial Data Signal (I2C)
CviLux: CI0120SD000 (housing)
7
I_SHARE
Active current share pin
CI01TD21PE0 (contact pins)
8
SYS_GND
Return Ground for signals and I2C
Landwin: 2050S2000 (housing)
9
12VFAN
12 V Fan Output
2053T021V (contact pins)
10
REMOTE INHIBIT
Output Inhibit Pin (Main Output)
JST:
PHDR-20VS (housing)
11
FAN_RTN
12 V Fan Output Return/Ground
SPHD-001T-P0.5 (contact pins)
12
VIN_GOOD
Input Line OK Signal
13
FAN_PWM1
FAN PWM
14
PWOK
Output Power OK Signal
See ACCESSORIES Section
15
FAN_TACH1
Fan1 Tacho Signal
16
FAN_OVERRIDE
External Fan Sensor for Override
17
FAN_FAIL
Fain Fail Signal
18
FAN_FAULT_EN
FAN Fault Enable Due to low RPM
19
REMOTE_SENSE+
Positive Remote Sense
20
REMOTE_SENSE-
Remote Sense Return



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com