Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNS655-MU Datasheet(PDF) 2 Page - Artesyn Technologies

Part # CNS655-MU
Description  650 Watt AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CNS655-MU Datasheet(HTML) 2 Page - Artesyn Technologies

  CNS655-MU Datasheet HTML 1Page - Artesyn Technologies CNS655-MU Datasheet HTML 2Page - Artesyn Technologies CNS655-MU Datasheet HTML 3Page - Artesyn Technologies CNS655-MU Datasheet HTML 4Page - Artesyn Technologies CNS655-MU Datasheet HTML 5Page - Artesyn Technologies CNS655-MU Datasheet HTML 6Page - Artesyn Technologies CNS655-MU Datasheet HTML 7Page - Artesyn Technologies CNS655-MU Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CNS650-M Series Data Sheet
Environmental Specifications
Operating temperature
-20 °C to +80 °C (derate at 50 °C), startup at -40 °C
Storage temperature
-40 °C to +85 °C
Operating humidity
5% to 95% (non-condensing)
Non-operating humidity
5% to 95% (non-condensing)
Maximum altitude
5000 m (3000 m for medical), derating may apply
Other Specifications
Isolation
4000 Vac (input to output)
1500 Vac (input to PE; output to PE)
Line harmonics
61000-3-2, Class A
ESD immunity
61000-4-2; ±15kV (air)/±8kV (contact); Criterion A
Conducted EMI
Level B, CISPR 22 and FCC Part 15
Radiated EMI
Level B, CISPR 22 and FCC Part 15 (with cover)
Surge immunity
61000-4-5, Level 3 - Criterion A; Level 4 - Criterion C
Medical EMC
60601-1-2, Edition 4 (cover maybe required for some tests)
MTBF
(Telcordia, Issue 3, Method 1, Case 3)
> 950 KHrs, 25 °C, 410 W natural convection
> 1.3 MHrs, 25 °C, 650 W forced air
Electrical Specifications (continued)
Control and Protection
Serial bus interface
PMBus™
Current share
Active
Remote sense
2-wire (+ and -)
Remote inhibit
Pull inhibit low = main & fan output OFF (5 V standby is ON)
Pull inhibit high (or floating) = all outputs ON
AC OK
Active high when normal AC input is present (with internal 10k ohm pull up to 3.3 Vdc)
DC OK
Active high when main O/P is within regulation (with internal 10k ohm pull up to 3.3 Vdc)
Smart fan control
Monitor, control and override
Overvoltage protection
Latching / AC recyle or inhibit toggle required for PSU restart
Overload protection
Auto-recovery (CC to 50% output)
Overtemperature protection
Auto-recovery with hysteresis



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com