Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 63Page - STMicroelectronics ST92196A Datasheet HTML 64Page - STMicroelectronics ST92196A Datasheet HTML 65Page - STMicroelectronics ST92196A Datasheet HTML 66Page - STMicroelectronics ST92196A Datasheet HTML 67Page - STMicroelectronics ST92196A Datasheet HTML 68Page - STMicroelectronics ST92196A Datasheet HTML 69Page - STMicroelectronics ST92196A Datasheet HTML 70Page - STMicroelectronics ST92196A Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 268 page
background image
67/268
TIMING AND CLOCK CONTROLLER (TCC)
6 TIMING AND CLOCK CONTROLLER (TCC)
6.1 FREQUENCY MULTIPLIERS
Two on-chip frequency multipliers generate the
proper frequencies for: the Core/Real time Periph-
erals and the Display related time base.
They follow the same basic scheme based on an
integrated VCO driven by a three state phase
comparator and a charge-pump (1 pin used for off-
chip filtering components; a resistor in series with
a capacitor tied to ground).
For both the Core and the Display frequency mul-
tipliers, a 4 bit programmable feed-back counter
allows the adjustment of the multiplying factor to
the application needs (a 4 MHz crystal is as-
sumed).
Figure 32. Timing and Clock Controller Block Diagram
FOSD
FCPU
SYNCHRONISED CLOCK
TO OSDRAM CONTROLLER
PIXCLK
TO DISPLAY CONTROLLER
FPIXC
SKWEN SKWL [3:0]
4MHz REAL CLOCK
TO IR, SCI, DS...
WAIT FOR INTERRUPT
BUS REQUEST
MEMORY WAIT STATE
CPU
CLOCK
CONTROL
PRESCALER
MAIN CLOCK
CONTROLLER
DIV 2
(MODER.5)
FMSL
FREQUENCY
XTAL
OSC
MULTIPLIER
BY 2
BY 2
DIV
SKDIV2
FML [3:0]
FMEN
DIV
BY 2
DIV
FREQUENCY
MULTIPLIER
PRS [2:0]
FMEN
INTCLK
ADC, SPI.
OSCOUT
OSCIN
SKEW
CORRECTOR
CPUCLK
(CORE
CLOCK)
CLOCK) TO TIMER,
HSYNC
(PERIPHERAL
FOSD
4MHz REAL CLOCK
TO IR, SCI, DS...
DIV 2
(MODER.5)
BY 2
DIV
ADC, SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com