Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 17Page - STMicroelectronics ST92196A Datasheet HTML 18Page - STMicroelectronics ST92196A Datasheet HTML 19Page - STMicroelectronics ST92196A Datasheet HTML 20Page - STMicroelectronics ST92196A Datasheet HTML 21Page - STMicroelectronics ST92196A Datasheet HTML 22Page - STMicroelectronics ST92196A Datasheet HTML 23Page - STMicroelectronics ST92196A Datasheet HTML 24Page - STMicroelectronics ST92196A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 268 page
background image
21/268
GENERAL DESCRIPTION
3
I/O
Port
4
R240
P4C0
Port 4 Configuration Register 0
00
69
R241
P4C1
Port 4 Configuration Register 1
00
R242
P4C2
Port 4 Configuration Register 2
00
I/O
Port
5
R244
P5C0
Port 5 Configuration Register 0
00
R245
P5C1
Port 5 Configuration Register 1
00
R246
P5C2
Port 5 Configuration Register 2
00
9
MFT
R240
DCPR
DMA Counter Pointer Register
xx
108
R241
DAPR
DMA Address Pointer Register
xx
109
R242
T_IVR
Interrupt Vector Register
xx
109
R243
IDCR
Interrupt/DMA Control Register
C7
110
R248
IOCR
I/O Connection Register
FC
110
10
R240
REG0HR
Capture Load Register 0 High
xx
101
R241
REG0LR
Capture Load Register 0 Low
xx
101
R242
REG1HR
Capture Load Register 1 High
xx
101
R243
REG1LR
Capture Load Register 1 Low
xx
101
R244
CMP0HR
Compare 0 Register High
00
101
R245
CMP0LR
Compare 0 Register Low
00
101
R246
CMP1HR
Compare 1 Register High
00
101
R247
CMP1LR
Compare 1 Register Low
00
101
R248
TCR
Timer Control Register
0x
102
R249
TMR
Timer Mode Register
00
103
R250
T_ICR
External Input Control Register
0x
104
R251
PRSR
Prescaler Register
00
104
R252
OACR
Output A Control Register
xx
105
R253
OBCR
Output B Control Register
xx
106
R254
T_FLAGR
Flags Register
00
107
R255
IDMR
Interrupt/DMA Mask Register
00
108
11
STIM
R240
STH
Counter High Byte Register
FF
86
R241
STL
Counter Low Byte Register
FF
86
R242
STP
Standard Timer Prescaler Register
FF
86
R243
STC
Standard Timer Control Register
14
86
21
MMU
R240
DPR0
Data Page Register 0
00
39
R241
DPR1
Data Page Register 1
01
39
R242
DPR2
Data Page Register 2
02
39
R243
DPR3
Data Page Register 3
83
39
R244
CSR
Code Segment Register
00
40
R248
ISR
Interrupt Segment Register
x0
40
R249
DMASR
DMA Segment Register
x0
40
EXTMI
R246
EMR2
External Memory Register 2
0F
58
Group F
Page
Dec.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com