Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 15Page - STMicroelectronics ST92196A Datasheet HTML 16Page - STMicroelectronics ST92196A Datasheet HTML 17Page - STMicroelectronics ST92196A Datasheet HTML 18Page - STMicroelectronics ST92196A Datasheet HTML 19Page - STMicroelectronics ST92196A Datasheet HTML 20Page - STMicroelectronics ST92196A Datasheet HTML 21Page - STMicroelectronics ST92196A Datasheet HTML 22Page - STMicroelectronics ST92196A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 268 page
background image
19/268
GENERAL DESCRIPTION
ST92196A REGISTER MAP (Cont’d)
Table 6. Group F Pages Register Map
Resources available on the ST92196A device:
Register
Page
0
2
3
9
101121
244243444546
55
59
62
R255
Res.
Res.
Res.
Res.
MFT
Res.
MMU
SCI0
Res.
Res.
Res.
Res.
Res.
Res.
VS
Res.
R254
SPI
Port
3
TCC
R253
Res.
R252
WCR
OSD
Res.
PWM
R251
WDT
Res.
R250
Port
2
IR/
SYNC
ERR
R249
R248
MFT
R247
EXT
INT
Res.
Res.
Res.
DS0
DS1
R246
Port
5
RCCU
R245
Res.
I2C
R244
R243
Res.
MFT
STIM
R242
Port
0
Port
4
ADC
R241
Res.
R240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com