Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 64Page - STMicroelectronics ST92196A Datasheet HTML 65Page - STMicroelectronics ST92196A Datasheet HTML 66Page - STMicroelectronics ST92196A Datasheet HTML 67Page - STMicroelectronics ST92196A Datasheet HTML 68Page - STMicroelectronics ST92196A Datasheet HTML 69Page - STMicroelectronics ST92196A Datasheet HTML 70Page - STMicroelectronics ST92196A Datasheet HTML 71Page - STMicroelectronics ST92196A Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 268 page
background image
68/268
TIMING AND CLOCK CONTROLLER (TCC)
FREQUENCY MULTIPLIERS (Cont’d)
Off-chip filter components (to be confirmed)
– Core frequency multiplier (FCPU pin) : 1.2K
ohms; 47 nF plus 100 pF between the FCPU pin
and GND.
– Skew frequency multiplier (FOSD pin) : 1.2K
ohms; 47 nF plus 100 pF between the FOSD pin
and GND.
The frequency multipliers are off during and upon
exiting from the reset phase. The user must pro-
gram the desired multiplying factor, start the multi-
plier and then wait for its stability (refer to the Elec-
trical Characteristics chapter for the specified de-
lay).
Once the Core/Peripherals multiplier is stabilized,
the Main Clock controller can be re-programmed
through the FMSL bit in the MCCR register to pro-
vide the final frequency (CPUCLK) to the CPU.
The
frequency
multipliers
are
automatically
switched off when the microprocessor enters
HALT mode (the HALT mode forces the control
register to its reset status).
Table 14. Examples of CPU Speed Choices
Note: 24 MHz is the max. authorized frequency.
Caution: The values indicated in this table are the only
authorized values.
Table 15. PIXCLK Frequency Choices
Crystal Frequency
FML
(3:0)
CPUCLK
SKDIV2=0
4 MHz
4
10 MHz
5
12 MHz
6
14 MHz
7
16 MHz
8
18 MHz
9
20 MHz
10
22 MHz
11
24 MHz
Crystal Frequency
SKW
(3:0)
FPIXC
PIXCLK
SKDIV2=0
4 MHz
6
0
14 MHz
7
0
16 MHz
8
0
18 MHz
9
0
20 MHz
10
0
22 MHz
11
0
24 MHz
6
1
28 MHz
7
1
32 MHz
8
1
36 MHz
9
1
40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com