Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 47Page - STMicroelectronics ST92196A Datasheet HTML 48Page - STMicroelectronics ST92196A Datasheet HTML 49Page - STMicroelectronics ST92196A Datasheet HTML 50Page - STMicroelectronics ST92196A Datasheet HTML 51Page - STMicroelectronics ST92196A Datasheet HTML 52Page - STMicroelectronics ST92196A Datasheet HTML 53Page - STMicroelectronics ST92196A Datasheet HTML 54Page - STMicroelectronics ST92196A Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 268 page
background image
51/268
INTERRUPTS
3.6 EXTERNAL INTERRUPTS
The standard ST9 core contains 8 external inter-
rupts sources grouped into four pairs.
Table 11. External Interrupt Channel Grouping
Each source has a trigger control bit TEA0,..TED1
(R242,EITR.0,..,7 Page 0) to select triggering on
the rising or falling edge of the external pin. If the
Trigger control bit is set to “1”, the corresponding
pending bit IPA0,..,IPD1 (R243,EIPR.0,..,7 Page
0) is set on the input pin rising edge, if it is cleared,
the pending bit is set on the falling edge of the in-
put pin. Each source can be individually masked
through
the
corresponding
control
bit
IMA0,..,IMD1 (EIMR.7,..,0). See Figure 1.
The priority level of the external interrupt sources
can be programmed among the eight priority lev-
els with the control register EIPLR (R245). The pri-
ority level of each pair is software defined using
the bits PRL2, PRL1. For each pair, the even
channel (A0,B0,C0,D0) of the group has the even
priority level and the odd channel (A1,B1,C1,D1)
has the odd (lower) priority level.
Figure 23. Priority Level Examples
n
Figure 23 shows an example of priority levels.
Figure 1 gives an overview of the External inter-
rupt control bits and vectors.
– The source of the interrupt channel A1 can be
selected between the external pin INT4 (when
INTS = 1) or the on-chip Standard Timer.
– The source of the interrupt channel B0 can be
selected between the external pin INT2 (when
(SPEN,BMS)=(0,0)) or the on-chip SPI peripher-
al.
– The source of the interrupt channel INTB1 can
be selected between the INT3 external pin
(CLEAR=1) or the I2C interrupt (CLEAR=0) by
programming the CLEAR bit in the I2CCTR reg-
ister.
– The source of the interrupt channel INTC0 can
be selected between the INT4 external pin (DI-
ON=OSDE=0) or the Display Controller interrupt
(all other cases) by programming the DION,
OSDE bits in the OSDER register.
– The source of the interrupt channel C1 can be
selected between the external pin INT5 (when
the AD_INT bit in the AD-INT register=0) or the
on-chip ADC (when AD-INT=1).
– The source of the interrupt channel D0 can be
selected between the external pin INT6 (when
the CCID bit in the DS0CR2 or DS1CR2 regis-
ter=1) or the on-chip Data Slicers (when
CCID=0).
– The source of the interrupt channel D1 can be
selected between the external pin INT7 (when
the IRWDIS bit in the IRSC register = 1) or the
on-chip IR (when IRWDIS=0).
Warning: When using channels shared by both
external interrupts and peripherals, special care
must be taken to configure their control registers
for both peripherals and interrupts.
Table 12. Multiplexed Interrupt Sources
External Interrupt
Channel
INT7
INT6
INTD1
INTD0
INT5
INT4
INTC1
INTC0
INT3
INT2
INTB1
INTB0
INT1
INT0
INTA1
INTA0
10
0
1
0
0
1
PL2D PL1D PL2C PL1C PL2B PL1B PL2A PL1A
INT.D1:
INT.C1: 001=1
INT.D0:
SOURCE
PRIORITY
PRIORITY
SOURCE
INT.A0: 010=2
INT.A1: 011=3
INT.B1: 101=5
INT.B0: 100=4
INT.C0: 000=0
EIPLR
VR000151
0
100=4
101=5
Channel
Internal
Interrupt
Source
External
Interrupt
Source
Related
Pin
INTA0
Timer/Watch-
dog
INT0
P3.2
INTA1
STIM Timer
INT1
P3.4
INTB0
SPI Interrupt
INT2
P2.4
INTB1
I2C
INT3
P2.2
INTC0
OSD
INT4
P2.3
INTC1
ADC
INT5
P2.7
INTD0
DS0 & DS1
INT6
P2.1
INTD1
IR
INT7
P2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com