Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 168Page - STMicroelectronics ST92196A Datasheet HTML 169Page - STMicroelectronics ST92196A Datasheet HTML 170Page - STMicroelectronics ST92196A Datasheet HTML 171Page - STMicroelectronics ST92196A Datasheet HTML 172Page - STMicroelectronics ST92196A Datasheet HTML 173Page - STMicroelectronics ST92196A Datasheet HTML 174Page - STMicroelectronics ST92196A Datasheet HTML 175Page - STMicroelectronics ST92196A Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 268 page
background image
172/268
- FOUR-CHANNEL I2C BUS INTERFACE (I2C)
I2C BUS INTERFACE (Cont’d)
8.9.3 Functional Description
Refer to Section 8.9.6 for the bit definitions.
Figure 70 gives the block diagram of the cell.
By default, the I2C interface is in inactive slave
mode, except when it initiates a transmit or receive
sequence.
After the microcontroller power-on reset state, the
I2C interface is in reset state until the CLEAR bit
(I2CCTR register) is reset.
8.9.3.1 Configuring the interface
Before using the I2C interface, configure it as fol-
lows.
If it is to be used in slave mode, write the address
assigned to the interface in the I2COAR register.
If it is to be used in master mode, write the SCL
clock frequency in the I2CFQR register.
Then, select one of the four buses available and
configure the corresponding pins to the alternate
function (refer to the I/O port chapter).
Depending on your application, you may use the
advanced features (see the UNPROC and UNEXP
bits of the I2CSTR2 register) by setting the AFEN
bit of the I2CCTR register.
You may also optionally set the RSRT and STOP
bits of the I2CCTR register.
You can enable the interrupt on stop condition and
the Spike filter by setting the ISCEN and SFEN
bits of the I2CSTR1 register.
If you want to use the monitor feature, then set the
MONITOR bit in the I2CCTR register.
In all cases reset the CLEAR bit of the I2CCTR
register to enable the I2C interface.
Figure 70. I²C interface block diagram
DATA REGISTER (I2CDR)
OWN ADDRESS REGISTER (I2COAR)
FREQUENCY REGISTER (I2CFQR)
STATUS REGISTER 1 (I2CSTR1)
CONTROL REGISTER (I2CCTR)
SDA In
SCL In
INTERRUPT
STATUS REGISTER 2 (I2CSTR2)
CPU Interrupt
CLOCK
START & STOP
SCL 1
SDA 1
SCL 2
SDA 2
SCL 3
SDA 3
SCL 4
SDA 4
GENERATION
UNIT
DETECTION
UNIT
UNIT
START & STOP
GENERATION
COMPARATOR
ADDRESS
REGISTER
SHIFT DATA
UNIT
BIT TRANSFER
STATE MACHINE
ERROR AND
ARBITRATION
UNIT
Fast Mode Enable
Acknowledge Bit
SDA Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com