Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 177Page - STMicroelectronics ST92196A Datasheet HTML 178Page - STMicroelectronics ST92196A Datasheet HTML 179Page - STMicroelectronics ST92196A Datasheet HTML 180Page - STMicroelectronics ST92196A Datasheet HTML 181Page - STMicroelectronics ST92196A Datasheet HTML 182Page - STMicroelectronics ST92196A Datasheet HTML 183Page - STMicroelectronics ST92196A Datasheet HTML 184Page - STMicroelectronics ST92196A Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 268 page
background image
181/268
- FOUR-CHANNEL I2C BUS INTERFACE (I2C)
I2C BUS INTERFACE (Cont’d)
Table 37. I2C Interface Register Map and Reset Values
Address
Register
Name
7
6
5
4
321
0
240
I2COAR
Reset Value
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
241
I2CFQR
Reset Value
BUS_S0
BUS_S1
FMEN
PP_DRV
Q3
Q2
Q1
Q0
242
I2CCTR
Reset Value
AFEN
RTI
GENC_ACK
SEND_ACK
MONITOR
RSRT
STOP
CLEAR
243
I2CDR
Reset Value
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
244
I2CSTR2
Reset Value
ISCEN
SFEN
SCLIN
SDAIN
INT
UNPROC
UNEXP
MISP
245
I2CSTR1
Reset Value
ERROR
ARB_LOST
READ
FIRST
GEN_
CALL
ACK_BIT
ACT_SLV
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com