Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 236 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 236 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 232Page - STMicroelectronics ST92196A Datasheet HTML 233Page - STMicroelectronics ST92196A Datasheet HTML 234Page - STMicroelectronics ST92196A Datasheet HTML 235Page - STMicroelectronics ST92196A Datasheet HTML 236Page - STMicroelectronics ST92196A Datasheet HTML 237Page - STMicroelectronics ST92196A Datasheet HTML 238Page - STMicroelectronics ST92196A Datasheet HTML 239Page - STMicroelectronics ST92196A Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 268 page
background image
February 2003
236/268
.
Rev. 3.1
ST92E196A/B & ST92T196A/B
8/16-BIT MCU FOR TV APPLICATIONS WITH 128 K
EPROM/OTP, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
DATASHEET
s
Register file based 8/16 bit Core Architecture
with RUN, WFI, and HALT modes
s
-10 to 75°C Operating Temperature Range
s
24 MHz Operation @5V ±10%
s
Min. instruction cycle time: 165 ns at 24 MHz
s
128 Kbytes EPROM/OTP, 3 or 4 Kbytes static
RAM
s
256 bytes of Register file
s
384 bytes of display RAM (OSDRAM)
s
56-pin Shrink DIP packages
s
37 fully programmable I/O pins
s
Flexible Clock controller for OSD, Data slicer
and Core clocks, running from one single low
frequency external crystal
s
Enhanced Display Controller with rows of up to
63 characters per row
– 50/60Hz and 100/120 Hz operation
– 525/625 lines operation, 4:3 or 16:9 format
– interlaced and progressive scanning
– 18x26 or 9x13 character matrix
– 384 (18x26) characters, or 1536 (9x13) char-
acters definable in ROM by user
– 512 possible colors, in 4x16-entry palettes
– 2 x 16-entry palettes for Foreground, and 2 x
16-entry palettes for Background
– 8 levels of translucency on Fast Blanking
– Serial, Parallel and Extended Parallel At-
tribute modes
– Mouse pointers user-definable in ROM
– 7 character sizes in 18x26 mode, 4 in 9x13
– Rounding, Fringe, Scrolling, Flashing, Shad-
owing, Italics, Semi-transparent
s
I2C Multi-Master / Slave with 4 channels
s
Serial Communications Interface (SCI)
s
Serial Peripheral Interface (SPI)
s
8-channel A/D converter with 6-bit accuracy
s
16-bit Watchdog timer with 8-bit prescaler
s
14-bit Voltage Synthesis for tuning reference
voltage with 2 outputs for 2 tuners
s
16-bit standard timer with 8-bit prescaler
s
16-bit Multi-Function timer
s
Eight 8-bit programmable PWM outputs
s
NMI and 6 external interrupts
s
2 Data Slicers for Closed Captioning and
Extended Data Service data extraction, on 2
independent video sources. Support for FCC
V-Chip and Gemstar bitstream decoding
s
Infra-Red signal digital pre-processor
s
2-channel Sync error detection with integrated
Sync extractor
s
Rich instruction set and 14 addressing modes
s
Versatile Development Tools, including C-
Compiler, Assembler, Linker, Source Level
Debugger, Emulator and Real-Time Operating
Systems from third-parties
s
Windows Based OSD Font and Screen Editor
DEVICE SUMMARY
Device
Memory
RAM
Prog.
OSD
Font
ST92E196A9
128K EPROM
4K
No
ST92T196A9
128K OTP
ST92E196B7
128K EPROM
3K
Yes
ST92T196B7
128K OTP
PSDIP56
CSDIP56W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com