Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 156Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 157Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 158Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 159Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 160Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 161Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 162Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 163Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 308 page
background image
ST7MC1/ST7MC2
160/308
MOTOR CONTROLLER (Cont’d)
In conclusion, there are 4 sampling types that are
available for Z event detection in sensorless
mode.
1. Sampling at the end of the OFF time of the
PWM signal at the PWM frequency
2. Sampling, at a programmable frequency inde-
pendent of the PWM state (during ON time or
OFF time of the signal). Sampling is done at
fSCF, see Table 82.
3. Sampling during the ON time of the PWM sig-
nal by adding a delay at PWM frequency
4. Sampling, at a programmable frequency during
the ON time (addition of a programmable delay)
of the PWM signal. Sampling is done at fSCF,
see Table 82.
Note 1: The sampling type is applied only for Z
event detection after the D event has occured.
Whatever the sampling type for Z event detection,
the sampling of the signal for D event detection is
always done at the selected fSCF frequency (see
Table 82), independently of the PWM signal (ei-
ther during ON or OFF time). Table 34 explains the
different sampling types in sensorless and in sen-
sor mode.
Note 2: When the MOE bit in the MCRA register is
reset (MCOx outputs in reset state), and the SR bit
in the MCRA register is reset (sensorless mode)
and the SPLG bit in the MCRC register is reset
(sampling at PWM frequency) then, depending on
the state of the ZSV bit in the MSCR register, Z
event sampling can run or be stopped (and D
event is sampled).
Note 3: When BEMF sampling is performed at the
end of the PWM signal off-time, the inputs in OFF-
state are grounded or put in HiZ as selected by the
DISS bit in the MSCR register.
Note 4: The ZEF[3:0] event counter in the MZFR
register is active in all configurations.
Figure 86. Sampling during ON time at fSCF
PWM OFF
state
Current
sample
fSCF
PWM signal
DS[3:0]
DS[3:0]
during
ON time
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com