Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 160Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 161Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 162Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 163Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 164Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 165Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 166Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 167Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 308 page
background image
ST7MC1/ST7MC2
164/308
MOTOR CONTROLLER (Cont’d)
10.6.6.13 Encoder Mode (IS[1:0] = 11)
Figure 90 shows the signals delivered by a stand-
ard digital incremental encoder and associated in-
formation:
– Two 90° phased square signals with variable
frequency proportional to the speed; they
must be connected to MCIA and MCIB input
pins,
– Clock derived from incoming signal edges,
– Direction information determined by the rela-
tive phase shift of input signals ( + or -90°).
The Incremental Encoder Interface block aims at
extracting these signals. As input logic is both ris-
ing and falling edge sensitive (independently from
TES[1:0] bits setting), resulting clock frequency is
four times the one of the input signals, thus in-
creasing resolution for measurements.
It may be noticed that Direction bit (EDIR bit in
MCRC register) is read only and that it does’nt af-
fect counting direction of clocked timer (cf Section
). As a result, one cannot extract position informa-
tion from encoder inputs during speed reversal.
Figure 89. Tacho Capture events configured by the TES[1:0] bits
Figure 90. Incremental Encoder output signals and derived information
Tacho
input
Tacho
Capture
TES[1:0]=11
TES[1:0]=01
TES[1:0]=10
MCIA
MCIB
Encoder
inputs
Encoder
Direction
Clock
Sampling of MCIA to determine direction
(EDIR bit)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com