Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 184 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 184 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 180Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 181Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 182Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 183Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 184Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 185Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 186Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 187Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 308 page
background image
ST7MC1/ST7MC2
184/308
MOTOR CONTROLLER (Cont’d)
10.6.7.6 Summary
The use of the Delay manager registers for the
various available modes is summarized in Table
42.
Table 42. MTIM Timer-related Registers
10.6.8 PWM Manager
The PWM manager controls the motor via the six
output channels in voltage mode or current mode
depending on the V0C1 bit in the MCRA register.
A block diagram of this part is given in Figure 106.
10.6.8.1 Voltage Mode
In Voltage mode (V0C1 bit = ”0”), the PWM signal
which is applied to the switches is generated by
the 12-bit PWM Generator compare U.
Its duty cycle is programmed by software (refer to
the PWM Generator section) as required by the
application (speed regulation for example).
The current comparator is used for safety purpos-
es as a current limitation. For this feature, the de-
tected current must be present on the MCCFI pin
and the current limitation must be present on pin
MCCREF. This current limitation is fixed by a volt-
age reference depending on the maximum current
acceptable for the motor. This current limitation is
generated with the VDD voltage by means of an
external resistor divider but can also be adjusted
with an external reference voltage (
≤ 5 V). The ex-
ternal components are adjusted by the user de-
pending on the application needs. In Voltage
mode, it is mandatory to set a current limitation. As
this limitation is set for safety purposes, an inter-
rupt can be generated when the motor current
feedback reaches the current limitation in voltage
mode. This is the current limitation interrupt and it
is enabled by setting the corresponding CLM bit in
the MIMR register. This is useful in voltage mode
for security purposes.
The PWM signal is directed to the channel manag-
er that connects it to the programmed outputs (see
Figure 106).
Name
Reset Value
Switched / Auto Switched Mode
Speed Measurement Mode
MTIM
00h
Timer Value
16-bit Timer MSB Value
MTIML
00h
N/A
16-bit Timer LSB Value
MZREG
00h
Capture/compare Zn
Capture of 16-bit Timer MSB
MZPRV
00h
Capture Zn-1
Capture of 16-bit Timer LSB
MCOMP
00h
Compare Cn+1
N/A
MDREG
00h
Demagnetization Dn
Compare for Speed Error
interrupt generation
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com