Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2T6 Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST7MC1K2T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2T6 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST7MC1K2T6 Datasheet HTML 183Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 184Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 185Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 186Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 187Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 188Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 189Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 190Page - STMicroelectronics ST7MC1K2T6 Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 308 page
background image
ST7MC1/ST7MC2
187/308
MOTOR CONTROLLER (Cont’d)
10.6.8.5 Current feedback amplifier
In both current and voltage mode, the current
feedback from the motor can be amplified before
entering the comparator. This is done by an inte-
grated Op-amp that can be used when the OAON
bit is set in the OACSR register and the CFAV bit
in the MREF register is reset. This allows the three
points of the Op-amp to be accessed for a pro-
grammable gain. The CFAV bit in the MREF regis-
ter selects the MCCFI0 or OAZ(MCCFI1) pin as
the comparator input as shown in the following ta-
ble.
Table 46. Comparator input selection
If the amplifier is not used for current feedback, it
can be used for other purposes. In this case, the
OAON bit in the OACSR register and the CFAV bit
in the MREF register both have to be set. This
means that the current feedback has to be on the
MCCFI0 pin to be directly connected to the com-
parator and the OAP, OAN and OAZ (MCCFI1)
pins can be used to amplify another signal. Both
the OAZ(MCCFI1) and MCCFI0 pins can be con-
nected to an ADC entry. See (Figure 106).
Note: The MCCFI0 pin is not available in LQFP32;
SDIP32 and LQFP44 devices. In this case, the
CFAV bit must be reset. The choice to use the Op-
amp or not is made with the OAON bit.
10.6.8.6 Measurement Window
In current mode, the measurement window fre-
quency can be programmed between 390Hz and
50KHz by the means of the SA[3:0] bits in the
MPRSR register.
Note: These frequencies are given for a 4 MHz
peripheral input frequency for a BLDC drive
(XT16, XT8 bits in MCONF register).
In sensorless mode this measurement window can
be used to detect BEMF zero crossing events. Its
width can be defined between 2.5
µs and 40µs as a
minimum in sensorless mode by the OT[3:0] bits in
the MPWME register.
Figure 106. Current Feedback
CFAV bit
Meaning
0
Select OAZ(MCCFI1) as the current
comparator input
1
Select MCCFI0 as the current compara-
tor input
OAZ
Filter
VCREF
12-Bit PWM generator
MCCREF
CEXT
VCREF MAX = VDD
Power down mode
To Phase State
CFW[2:0] bits
Control
(V)
R1ext
R2ext
VDD
(I)
LEGEND:
(I): Current mode
(V): Voltage mode
CLI: Current limitation inter-
rupt
+
-
OAON bit
OACSR
Register
V
I
12-bit PWM generator/Compare U
Sampling frequency
V0C1 bit
MCRA Register
Internal clock
MCFR register
D
CP
S
Q
Q
R
OAN
OAP
MCPWMU/V/W
+
-
PWME[U:V:W] bit
MREF Register
MCCFI0
CFAV bit
MREF
Register
ADC
CLI
CFF[2:0] bits
MCFR register
(MCCFI1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com