Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52 Datasheet(PDF) 3 Page - Microchip Technology

Part # RN52
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52 Datasheet(HTML) 3 Page - Microchip Technology

  RN52 Datasheet HTML 1Page - Microchip Technology RN52 Datasheet HTML 2Page - Microchip Technology RN52 Datasheet HTML 3Page - Microchip Technology RN52 Datasheet HTML 4Page - Microchip Technology RN52 Datasheet HTML 5Page - Microchip Technology RN52 Datasheet HTML 6Page - Microchip Technology RN52 Datasheet HTML 7Page - Microchip Technology RN52 Datasheet HTML 8Page - Microchip Technology RN52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2015 Microchip Technology Inc.
DS70005120A-page 3
RN52
FIGURE 1-1:
MODULE DIMENSIONS
FIGURE 1-2:
RECOMMENDED PCB FOOTPRINT
Figure 1-3 shows the pinout and Table 1-4 describes
the module’s pins.
0.0
26.00
PCB Outline: +/- 0.13 mm
PCB Thickness: +/- 0.100 mm
Tolerances:
(Top View)
Dimensions are in millimeters
21.20
21.40
20.00
18.80
17.60
16.40
15.20
14.00
12.80
11.60
10.40
9.20
8.00
6.80
5.60
4.40
3.20
2.00
(Side View)
26.00
21.40
0.70
0.00
0.8mm
1.6mm
0.80mm
Dimensions are in millimeters
0.0
26.00
21.20
21.40
20.00
18.80
17.60
16.40
15.20
14.00
12.80
11.60
10.40
9.20
8.00
6.80
5.60
4.40
3.20
2.00
20.70
Ground Pads
0.8 x 1.0 mm
Host Ground Plane Edge
(See Mounting Details)
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com