Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52 Datasheet(PDF) 6 Page - Microchip Technology

Part # RN52
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52 Datasheet(HTML) 6 Page - Microchip Technology

Back Button RN52 Datasheet HTML 2Page - Microchip Technology RN52 Datasheet HTML 3Page - Microchip Technology RN52 Datasheet HTML 4Page - Microchip Technology RN52 Datasheet HTML 5Page - Microchip Technology RN52 Datasheet HTML 6Page - Microchip Technology RN52 Datasheet HTML 7Page - Microchip Technology RN52 Datasheet HTML 8Page - Microchip Technology RN52 Datasheet HTML 9Page - Microchip Technology RN52 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
RN52
DS70005120A-page 6
 2015 Microchip Technology Inc.
24
PCM_OUT
CMOS output, with weak
internal pull down
Synchronous data output, configurable for
SPDIF_OUT or SD_OUT (I2S)
Output
25
PCM_SYNC Bidirectional with weak
internal pull down
Synchronous data sync; WS (I2S)
Output
26
PCM_CLK
CMOS input, with weak
internal pull down
Synchronous data clock; SCK (I2S)
Output
27
GND
Ground
Ground
28
SPI_SS
CMOS input with weak
internal pull-up
Chip select for Synchronous Serial Interface
active low
Input
29
SPI_MISO
CMOS output, tri-state, with
weak internal pull-down
Serial Peripheral Interface (SPI) output
Output
30
SPI_CLK
Input with weak internal
pull-down
SPI clock
Input
31
SPI_MOSI
CMOS input, with weak
internal pull-down
SPI input
Input
32
LED1
Open drain output
Drives an LED. For the RN-52-EK Board, this
signal drives the red LED
Output
33
LED0
Open drain output
Drives an LED. For the RN-52-EK Board, this
signal drives the blue LED
Output
34
MIC_BIAS
Analog
Microphone bias
Output
35
MIC_L+
Analog
Microphone input positive, left
Input
36
MIC_R+
Analog
Microphone input positive, right
Input
37
MIC_L-
Analog
Microphone input negative, left
Input
38
MIC_R-
Analog
Microphone input negative, right
Input
39
AGND
Analog
Ground connection for audio
40
SPK_R-
Analog
Speaker output negative (right side)
Output
41
SPK_L-
Analog
Speaker output negative (left side)
Output
42
SPK_R+
Analog
Speaker output positive (right side)
Output
43
SPK_L+
Analog
Speaker output positive (left side)
Output
44
GND
Ground
Ground
45
GND
Ground
RF ground
46
GND
Ground
RF ground
47
GND
Ground
RF ground
48
GND
Ground
RF ground
49
GND
Ground
RF ground
50
GND
Ground
RF ground
Note 1:
All GPIO pins default to input with weak pull-down.
2:
Refer to the “Bluetooth Audio Module Command Reference User’s Guide” (DS50002154) and the
“RN52SRC Bluetooth Audio Module Command Reference User’s Guide” (DS50002343) for more
information about the behavior of the pin and optional features that can be enabled.
TABLE 1-4:
PIN DESCRIPTION(1) (SHEET 3 OF 3)
Pin
Symbol
I/O Type
Description
Directio
n
Defau
lt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com