Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52 Datasheet(PDF) 2 Page - Microchip Technology

Part # RN52
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52 Datasheet(HTML) 2 Page - Microchip Technology

  RN52 Datasheet HTML 1Page - Microchip Technology RN52 Datasheet HTML 2Page - Microchip Technology RN52 Datasheet HTML 3Page - Microchip Technology RN52 Datasheet HTML 4Page - Microchip Technology RN52 Datasheet HTML 5Page - Microchip Technology RN52 Datasheet HTML 6Page - Microchip Technology RN52 Datasheet HTML 7Page - Microchip Technology RN52 Datasheet HTML 8Page - Microchip Technology RN52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
RN52
DS70005120A-page 2
 2015 Microchip Technology Inc.
1.0
DEVICE OVERVIEW
Microchip’s RN52 Bluetooth audio module provides a
highly integrated solution for delivering high-quality ste-
reo audio in a small form factor. It combines a class 2
Bluetooth radio with an embedded DSP processor. The
module is programmed and controlled with a simple
ASCII command set.
The RN52 module complies with Bluetooth specifica-
tion version 3.0. It integrates an RF radio and a base-
band controller making it a complete Bluetooth
subsystem. The RN52 supports a variety of profiles
including A2DP, AVRCP, HSP/HFP, SPP and iAP. It
provides a UART interface, several user programmable
I/O pins, stereo speaker outputs, microphone inputs,
digital audio interface and a USB port. Standard RN52
and its variants support A2DP, AVRCP, HFP, SPP and
iAP in the capacity of Bluetooth Slave role. RN52SRC
supports A2DP, AVRCP, HFP in the capacity of
Bluetooth Master role.
RN52 supports wireless iAP profile advertising which is
discoverable by iOS devices. An external host micro-
controller is required to implement the iAP protocol and
communicate with the authentication coprocessor
while using the RN52 as a data pipe only to transfer the
iAP protocol data over Bluetooth back and forth with
the Apple device. A PIC® microcontroller can be used
to implement the iAP protocol using the Microchip MFi
Library.
Table 1-1 provides the general specifications for the
module. Table 1-2 and Table 1-3 provide the module’s
weight, dimensions and electrical characteristics.
Figure 1-1 shows the module’s dimensions and
Figure 1-2 shows recommended landing pattern and
layout.
TABLE 1-1:
GENERAL SPECIFICATIONS
Specification
Description
Standard
Bluetooth® 3.0, class 2
Frequency Band
2.4 ~ 2.48 GHz
Modulation Method
GFSK, PI/4-DQPSK, 8 DPSK
Maximum Data Rate
3 Mbps
RF Input Impedance
50 ohms
Interface
UART, GPIO, AIO, USB, I2S, S/PDIF, speaker, microphone
Operation Range
10 meters (33 feet)
Sensitivity
-85 dBm at 0.1 % BER
RF TX Power
4 dBm
TABLE 1-2:
WEIGHT AND DIMENSIONS
Specification
Description
Dimensions
26.0 mm x 13.5 mm x 2.7 mm
Weight
1.2 g
TABLE 1-3:
ELECTRICAL CHARACTERISTICS
Specification
Description
Supply Voltage
3.0-3.6V DC
Working current
Depends on profiles, 30 mA typical
Standby current (disconnected)
< 0.5 mA
Temperature
-40ºC to +85ºC
ESD
JESD22-A224 class 0 product
Humidity
10% ~ 90% non-condensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com