Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52 Datasheet(PDF) 1 Page - Microchip Technology

Part # RN52
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52 Datasheet(HTML) 1 Page - Microchip Technology

  RN52 Datasheet HTML 1Page - Microchip Technology RN52 Datasheet HTML 2Page - Microchip Technology RN52 Datasheet HTML 3Page - Microchip Technology RN52 Datasheet HTML 4Page - Microchip Technology RN52 Datasheet HTML 5Page - Microchip Technology RN52 Datasheet HTML 6Page - Microchip Technology RN52 Datasheet HTML 7Page - Microchip Technology RN52 Datasheet HTML 8Page - Microchip Technology RN52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2015 Microchip Technology Inc.
DS70005120A-page 1
RN52
Features:
• Fully qualified Bluetooth® version 3.0 module,
• Fully compatible with Bluetooth version 2.1+EDR,
1.2, and 1.1
• Embedded Bluetooth profiles: A2DP, AVRCP,
HFP/HSP and SPP
• Audio decoders: SBC, AAC, aptX
• Enhanced hands free voice capability narrowband
and wideband codecs with cVc DSP
• Software configurable through commands over
UART console interface
• Stereo analog differential audio output and input
for highest quality audio
• External Audio CODECs Supported via S/PDIF
and I2S Interface
• Integrated Amplifier for Driving 16Ω Speakers
• Dedicated GPIO pins enable MCUs to access
control and status functions efficiently
• SPP data connection interface over UART
• Supports wireless iAP profile advertising which is
discoverable by iOS devices (iAP protocol imple-
mentation on an external host microcontroller
required)
• Certifications: FCC, IC, CE, Bluetooth SIG
• Postage Stamp sized form factor: 13.5 x 26.0 x
2.7 mm
• Castellated SMT pads for easy and reliable PCB
mounting
• Environmentally Friendly, RoHS Compliant
• Bluetooth SIG QDID 58578
Applications:
• High-quality wireless stereo headsets
• Automotive hands free audio kits
• Wireless audio docking station for smartphones
• High-quality wireless speakers
• VoIP handsets
• Remote control for media player
• Medical data devices
RN52 Block Diagram:
PCB Antenna
Bluetooth 3.0
RF Baseband
RN52
UART
USB
I2S
S/PDIF
11 GPIO
Pins
1 AIO
16-Bit RISC MCU
Audio DSP
16-Bit Stereo
CODEC
16-MBit Flash
2 LEDs
MIC
MIC
Speaker
Speaker
RN52 Bluetooth® Audio Module


Similar Part No. - RN52

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN52-I MICROCHIP-RN52-I Datasheet
2Mb / 2P
Bluetooth Audio Module
v. 1.0r 01/13
RN52-I/RM MICROCHIP-RN52-I/RM Datasheet
2Mb / 2P
Bluetooth Audio Module
v. 1.0r 01/13
RN52APL-I/RM MICROCHIP-RN52APL-I/RM Datasheet
2Mb / 2P
Bluetooth Audio Module
v. 1.0r 01/13
RN52APT-I/RM MICROCHIP-RN52APT-I/RM Datasheet
2Mb / 2P
Bluetooth Audio Module
v. 1.0r 01/13
More results

Similar Description - RN52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT32I ETC2-WT32I Datasheet
1Mb / 63P
BLUETOOTH AUDIO MODULE
logo
Microchip Technology
RN52-I MICROCHIP-RN52-I Datasheet
2Mb / 2P
Bluetooth Audio Module
v. 1.0r 01/13
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
Bluetooth Audio SoC
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
Bluetooth Module
logo
Silicon Laboratories
WT32I SILABS-WT32I Datasheet
2Mb / 63P
WT32i BLUETOOTH AUDIO MODULE
Version 1.3.1
logo
Beken Corporation
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
Bluetooth Audio SoC
0.5 11/Apr/2018
logo
List of Unclassifed Man...
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
Bluetooth Stereo Audio Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com