Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52 Datasheet(PDF) 9 Page - Microchip Technology

Part # RN52
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52 Datasheet(HTML) 9 Page - Microchip Technology

Back Button RN52 Datasheet HTML 5Page - Microchip Technology RN52 Datasheet HTML 6Page - Microchip Technology RN52 Datasheet HTML 7Page - Microchip Technology RN52 Datasheet HTML 8Page - Microchip Technology RN52 Datasheet HTML 9Page - Microchip Technology RN52 Datasheet HTML 10Page - Microchip Technology RN52 Datasheet HTML 11Page - Microchip Technology RN52 Datasheet HTML 12Page - Microchip Technology RN52 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2015 Microchip Technology Inc.
DS70005120A-page 9
RN52
1.1.3
ANALOG-TO-DIGITAL CONVERTER
(ADC)
The ADC consists of two second-order sigma delta
(SD) converters, resulting in two separate channels
with identical functionality. Each ADC supports the
following sample rates:
•8 kHz
•16 kHz
•32 kHz
• 44.1 kHz
•48 kHz
The ADC analog amplifier is a two-stage amplifier. The
first stage selects the correct gain for either micro-
phone or line input. See Figure 1-7.
FIGURE 1-7:
ADC ANALOG AMPLIFIER BLOCK DIAGRAM
1.1.4
DIGITAL-TO-ANALOG CONVERTER
(DAC)
The DAC consists of two third-order SD converters,
resulting in two separate channels with identical func-
tionality. Each DAC supports the following sample
rates:
•8 kHz
•16 kHz
•32 kHz
• 44.1 kHz
•48 kHz
1.1.4.1
Speaker Output
The speaker output is capable of driving a speaker with
an impedance of at least 8 ohms directly. The overall
gain of the speaker output is approximately -21 dB to
0 dB in 1.5 dB steps.
1.1.4.2
Microphone Input
The RN52 audio input is intended for use from 1 μA at
94 dB SPL to about 10 μA at 94 dB SPL, which requires
microphones with sensitivity between –40 and –60
dBV. The RN52 microphone mode input impedance is
typically 6 kohm. The line mode input impedance is typ-
ically between 6 kohm and 30 kohm. The overall gain
of the microphone input is approximately -3 dB to 42 dB
in 1.5 dB steps. MIC_BIAS requires a minimum load to
maintain regulation. MIC_BIAS maintains regulation
within 0.199 and 1.229 mA. Therefore, if you use a
microphone with specifications below these limits, the
microphone output must be pre-loaded with a large
value resistor to ground.
–
+
–
+
P
N
Gain 0:7
Line Mode/Microphone Mode
Bypass or 24-dB Gain
-3 to 18 dB Gain
P
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com