Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52SRC Datasheet(PDF) 4 Page - Microchip Technology

Part # RN52SRC
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52SRC Datasheet(HTML) 4 Page - Microchip Technology

  RN52SRC Datasheet HTML 1Page - Microchip Technology RN52SRC Datasheet HTML 2Page - Microchip Technology RN52SRC Datasheet HTML 3Page - Microchip Technology RN52SRC Datasheet HTML 4Page - Microchip Technology RN52SRC Datasheet HTML 5Page - Microchip Technology RN52SRC Datasheet HTML 6Page - Microchip Technology RN52SRC Datasheet HTML 7Page - Microchip Technology RN52SRC Datasheet HTML 8Page - Microchip Technology RN52SRC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RN52
DS70005120A-page 4
 2015 Microchip Technology Inc.
FIGURE 1-3:
PIN DIAGRAM
TABLE 1-4:
PIN DESCRIPTION(1) (SHEET 1 OF 3)
Pin
Symbol
I/O Type
Description
Directio
n
Defau
lt
1
GND
Ground.
Ground.
2
GPIO3
Digital
Driving this pin high during bootup will put the
module in Device Firmware Update (DFU)
mode. The device will enter DFU mode in 3
seconds. The pin should only be asserted high
before the device enters DFU mode and not
after. (USB device powers VBUS. PIO3 requires
47K to ground and 22K to USB VBUS if USB
VBUS is supplying power to the main board.)
During runtime, if the pin is driven high, the
device will reset and reboot.
Note: Device will reset within 500 ms after the IO
is driven high. A reset pulse of 100 ms is recom-
mended. If IO continues to be driven high after
reset, the device will naturally enter DFU mode.
The device will enter DFU mode in 3 seconds.
Input
Low
3
GPIO2
Digital
Reserved, event indicator pin. A microcontroller
can enter Command mode and poll the state
register using the Q action command
Output
High
4
AIO0
Bidirectional
Analog programmable input/output line
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com