Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52SRC Datasheet(PDF) 14 Page - Microchip Technology

Part # RN52SRC
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52SRC Datasheet(HTML) 14 Page - Microchip Technology

Back Button RN52SRC Datasheet HTML 10Page - Microchip Technology RN52SRC Datasheet HTML 11Page - Microchip Technology RN52SRC Datasheet HTML 12Page - Microchip Technology RN52SRC Datasheet HTML 13Page - Microchip Technology RN52SRC Datasheet HTML 14Page - Microchip Technology RN52SRC Datasheet HTML 15Page - Microchip Technology RN52SRC Datasheet HTML 16Page - Microchip Technology RN52SRC Datasheet HTML 17Page - Microchip Technology RN52SRC Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
RN52
DS70005120A-page 14
 2015 Microchip Technology Inc.
2.2
LED Interface
The RN52 includes two pads dedicated to driving the
LED indicators. The firmware can control both termi-
nals, and the battery charger can set LED0. The termi-
nals are open-drain outputs; therefore, the LED must
be connected from a positive supply rail to the pad in
series with a current limiting resistor. You should oper-
ate the LED pad (LED0 or LED1 pins) with a pad volt-
age below 0.5V. In this case, the pad can be thought of
as a resistor, RON. The resistance, together with the
external series resistor, sets the current, ILED, in the
LED. The current is also dependent on the external
voltage, VDD, as shown in Figure 2-3.
FIGURE 2-3:
LED INTERFACE
The LEDs can be used to indicate the module’s con-
nection status. Table 2-1 describes the LED functions.
2.3
Device Firmware Updates
The module has a Device Firmware Update (DFU)
mode in which you use the USB interface to update the
firmware. Implementing the DFU feature is highly rec-
ommended because firmware updates offer new fea-
tures and enhance the module’s functionality. Follow
the reference design shown in Figure 2-7 to support
this mode.
FIGURE 2-4:
USB DFU PORT AND
GPIO3 SCHEMATIC
2.4
Restore Factory Defaults with
GPIO4
The GPIO4 pin should be connected to a switch,
jumper or resistor so it can be accessed. This pin is
used to reset the module to its factory default settings,
which is critical in situations where the module has
been misconfigured. To reset the module to the factory
defaults, GPIO4 should be high on power-up and then
toggle low, high, low, high with a 1 second wait between
the transitions.
2.5
Power Control and Regulation
The VDD pin controls the power to the RN52 module.
The VDD pin should be used to turn the RN52 module
on and off, if the hardware power cycle feature is
desired.
The PWREN pin provides the power enable functional-
ity. This pin is internally connected as an enable pin to
the voltage regulator and can only be used to turn on
the voltage regulator after VDD power is provided to the
RN52 module. The PWREN pin cannot be used to turn
the voltage regulator off.
On later versions of the firmware, the RN52 also pro-
vides a module reset GPIO pin, which resets the RN52
module when asserted high, and also provides a con-
sole command which can be used to perform a module
reset.
TABLE 2-1:
STATUS LED FUNCTIONS
Blue LED Red LED
Description
Flashing
Flashing The RN52 module is
discoverable.
Off
Flashing The module is connected.
Flashing
Off
The module is connectable.
Note:
A 47 K
 pull-down resistor (R2 in
Figure 2-4) is required on GPIO3 even if
you do not use the USB for DFU.
VDD
LED Forward
Voltage, V
F
Resistor Voltage
Drop, V
R
Pad Voltage, V
PAD
R
LED
|
LED
LED0 or
LED1
R
ON = 20 Ω
GND
5
D+
3
D-
2
VBUS
1
MTAB
6
J2
VBUS
(3.3V)
USBD-
USBD+
47k
R2
22k
R1
GPIO3
MBR120
D1
10nF
C4
USB Mini B Connector
(JAE DX2R005HN2E700)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com