Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52SRC Datasheet(PDF) 10 Page - Microchip Technology

Part # RN52SRC
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52SRC Datasheet(HTML) 10 Page - Microchip Technology

Back Button RN52SRC Datasheet HTML 6Page - Microchip Technology RN52SRC Datasheet HTML 7Page - Microchip Technology RN52SRC Datasheet HTML 8Page - Microchip Technology RN52SRC Datasheet HTML 9Page - Microchip Technology RN52SRC Datasheet HTML 10Page - Microchip Technology RN52SRC Datasheet HTML 11Page - Microchip Technology RN52SRC Datasheet HTML 12Page - Microchip Technology RN52SRC Datasheet HTML 13Page - Microchip Technology RN52SRC Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
RN52
DS70005120A-page 10
 2015 Microchip Technology Inc.
TABLE 1-5:
DIGITAL TO ANALOG CONVERTER
Parameter
Conditions
Min
Typ
Max
Unit
Resolution
—
—
—
16
Bits
Ouput Sample Rate, Fsample
—8
—
48
kHz
Signal to Noise Ratio, SNR
fin = 1 kHz
B/W = 20 Hz→20 kHz
A-Weighted
THD+N < 0.01%
0dBFS signal
Load = 100 kΩ
Fsample
—95—
dB
8 kHz
—
95
—
dB
16 kHz
—
95
—
dB
32 kHz
—
95
—
dB
44.1 kHz
—
95
—
dB
48 kHz
—
95
—
dB
Analog Gain
Analog Gain Resolution = 3 dB
0
—
-21
dB
Output voltage full-scale swing (differential)
—
750
—
mV rms
Allowed Load
Resistive
16(8)
—
O.C.
Ω
Capacitive
—
—
500
pF
THD + N 100 kΩ load
—
—
0.01
%
THD + N 16 kΩ load
—
—
0.1
%
SNR (Load = 16Ω, 0 dBFS input relative to digital silence)
—
95
—
dB
TABLE 1-6:
ANALOG TO DIGITAL CONVERTER
Parameter
Conditions
Min
Typ
Max
Unit
Resolution
—
—
—
16
Bits
Input Sample Rate, Fsample
—
8
—
44.1
kHz
Signal to Noise Ratio, SNR
fin = 1 kHz
B/W = 20 Hz→20 kHz
A-Weighted
THD+N < 1%
150 mVpk-pk input
Fsample
8 kHz
—
79
—
dB
16 kHz
—
76
—
dB
32 kHz
—
75
—
dB
44.1 kHz
—
75
—
dB
Analog Gain
Analog Gain Resolution = 3 dB
—
—
42
dB
Input full scale at maximum gain (differential)
—
4
—
mV rms
Input full scale at minimum gain (differential)
—
800
—
mV rms
3 dB Bandwidth
—
20
—
kHz
Microphone mode input impedance
—
6.0
—
kΩ
THD + N (microphone input) @ 30 mV rms input
—
0.04
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com