Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52SRC Datasheet(PDF) 13 Page - Microchip Technology

Part # RN52SRC
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52SRC Datasheet(HTML) 13 Page - Microchip Technology

Back Button RN52SRC Datasheet HTML 9Page - Microchip Technology RN52SRC Datasheet HTML 10Page - Microchip Technology RN52SRC Datasheet HTML 11Page - Microchip Technology RN52SRC Datasheet HTML 12Page - Microchip Technology RN52SRC Datasheet HTML 13Page - Microchip Technology RN52SRC Datasheet HTML 14Page - Microchip Technology RN52SRC Datasheet HTML 15Page - Microchip Technology RN52SRC Datasheet HTML 16Page - Microchip Technology RN52SRC Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2015 Microchip Technology Inc.
DS70005120A-page 13
RN52
2.0
APPLICATIONS
The following sections provide information on design-
ing with the RN52 module, including restoring factory
defaults, using the LED interface, minimizing radio
interference, solder reflow profile, typical application,
etc.
2.1
Minimizing Radio Interference
When laying out the host PCB for the RN52 module,
the areas under the antenna and shielding connections
should not have surface traces, ground planes or
exposed via (see Figure 2-1). For optimal radio perfor-
mance, the RN52 module’s antenna end should
protrude at least 31 mm beyond any metal enclosure.
Figure 2-2 shows examples of good, bad, and
acceptable positioning of the RN52 on the host PCB.
FIGURE 2-1:
MINIMIZING RADIO INTERFERENCE
FIGURE 2-2:
PCB EXAMPLE LAYOUT
21.4 mm
4.6 mm
(Top View)
Dimensions are in millimeters
Keep area around antenna
(approximately 31 mm) clear
of metallic structures for
best performance
31 mm
31 mm
Edge of Ground Plain
RN52
RN52
RN52
RN52
Good
Acceptable
Acceptable
Bad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com