Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN52SRC Datasheet(PDF) 20 Page - Microchip Technology

Part # RN52SRC
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52SRC Datasheet(HTML) 20 Page - Microchip Technology

Back Button RN52SRC Datasheet HTML 16Page - Microchip Technology RN52SRC Datasheet HTML 17Page - Microchip Technology RN52SRC Datasheet HTML 18Page - Microchip Technology RN52SRC Datasheet HTML 19Page - Microchip Technology RN52SRC Datasheet HTML 20Page - Microchip Technology RN52SRC Datasheet HTML 21Page - Microchip Technology RN52SRC Datasheet HTML 22Page - Microchip Technology RN52SRC Datasheet HTML 23Page - Microchip Technology RN52SRC Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
RN52
DS70005120A-page 20
 2015 Microchip Technology Inc.
4.3
Europe
The RN52 module is an R&TTE Directive assessed
radio module that is CE marked and has been
manufactured and tested with the intention of being
integrated into a final product.
The RN52 module has been tested to R&TTE Directive
1999/5/EC Essential Requirements for Health and
Safety (Article (3.1(a)), Electromagnetic Compatibility
(EMC) (Article 3.1(b)), and Radio (Article 3.2) and are
summarized in Table 3-1: European Compliance Test-
ing. A Notified Body Opinion has also been issued. All
test reports are available on the RN52 product web
page at http://www.microchip.com.
The
R&TTE
Compliance
Association
provides
guidance on modular devices in document Technical
Guidance Note 01 available at http://www.rtteca.com/
html/download_area.htm.
4.3.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the RN52
module must follow CE marking requirements. The
R&TTE Compliance Association Technical Guidance
Note 01 provides guidance on final product CE
marking.
4.3.2
ANTENNA REQUIREMENTS
From R&TTE Compliance Association document
Technical Guidance Note 01:
Provided the integrator installing an assessed
radio module with an integral or specific antenna
and installed in conformance with the radio mod-
ule manufacturer’s installation instructions
requires no further evaluation under Article 3.2
of the R&TTE Directive and does not require fur-
ther involvement of an R&TTE Directive Notified
Body for the final product. [Section 2.2.4]
4.3.3
HELPFUL WEB SITES
A document that can be used as a starting point in
understanding the use of Short Range Devices (SRD)
in Europe is the European Radio Communications
Committee (ERC) Recommendation 70-03 E, which
can be downloaded from the European Radio
Communications Office (ERO) at: http://www.ero.dk/.
Additional helpful web sites are:
• Radio and Telecommunications Terminal
Equipment (R&TTE):
http://ec.europa.eu/enterprise/rtte/index_en.htm
• European Conference of Postal and
Telecommunications Administrations (CEPT):
http://www.cept.org
• European Telecommunications Standards
Institute (ETSI):
http://www.etsi.org
• European Radio Communications Office (ERO):
http://www.ero.dk
• The Radio and Telecommunications Terminal
Equipment Compliance Association (R&TTE CA):
http://www.rtteca.com/
Note:
To maintain conformance to the testing
listed in Table 4-1, the module shall be
installed in accordance with the installa-
tion instructions in this data sheet and
shall not be modified.
When integrating a radio module into a
completed
product
the
integrator
becomes the manufacturer of the final
product and is therefore responsible for
demonstrating compliance of the final
product with the essential requirements of
the R&TTE Directive.
TABLE 4-1:
EUROPEAN COMPLIANCE TESTING
Certification
Standards
Article Laboratory
Report Number
Date
Safety
EN 60950-1:2006+A11:2009+A1:2010 (3.1(a)) Worldwide
Testing
Services
(Taiwan)
Co., Ltd.
W6M21301-13004-L
2/23/2013
Health
EN 50371:2002-03
W6M21301-13004-50371 5/31/2013
EMC
EN 301 489-1 V1.8.1 (2008-04)
(3.1(b))
W6M21301-13004-E-16
2/7/2013
EN 301 489-17 V2.1.1 (2009-05)
Radio
EN 300 328 V1.7.1 (2006-10)
(3.2)
W6M21301-13004-T-45
5/31/2013
Notified
Body
Opinion
—
Eurofins
Product
Service
GmbH
U9M-1304-2756-C-V01
6/13/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com