Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN171 Datasheet(PDF) 21 Page - Microchip Technology

Part # RN171
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 Datasheet(HTML) 21 Page - Microchip Technology

Back Button RN171 Datasheet HTML 17Page - Microchip Technology RN171 Datasheet HTML 18Page - Microchip Technology RN171 Datasheet HTML 19Page - Microchip Technology RN171 Datasheet HTML 20Page - Microchip Technology RN171 Datasheet HTML 21Page - Microchip Technology RN171 Datasheet HTML 22Page - Microchip Technology RN171 Datasheet HTML 23Page - Microchip Technology RN171 Datasheet HTML 24Page - Microchip Technology RN171 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
 2014-2016 Microchip Technology Inc.
DS70005171B-page 21
RN171
5.0
ELECTRICAL CHARACTERISTICS
TABLE 5-1:
ENVIRONMENTAL CONDITIONS
Parameter
Value
Temperature Range (Operating)
-40o C-85o C
Temperature Range (Storage)
-40o C-85o C
Relative Humidity (Operating)
90%
Relative Humidity (Storage)
90%
Moisture Sensitivity Level
1
TABLE 5-2:
ELECTRICAL CHARACTERISTICS (PROVISIONAL)
Supply Voltage
Min
Typ
Max
Units
Supply Voltage (VBATT
Option)
3.0
3.3
3.7
VDC
Digital Input
Input Logic High VIH
2.3
VDC
Input Logic Low VIL
1.0
VDC
Digital Output Drive
GPIO 4, 5, 6, 7, 8
24
mA
GPIO 9, 10, 11, 12, 13
8
mA
Power Consumption
Sleep
4
A
Standby (Doze)
15
mA
Connected (Idle, RX)
40
mA
Connected (TX) 0 dBm
120
mA
Connected (TX) 12 dBm
190
mA
TABLE 5-3:
MODULE DIMENSIONS
Parameters
Dimensions
Units
Size
26.67 x 17.78 x 3.18
mm
TABLE 5-4:
ANALOG SENSOR INPUTS
Parameters
Value
Sensor 0, 1, 2, 3 Wakeup Detection Threshold
500 mV
AD Sensor 0-7 Measurement Range
0-400 mV (Do not exceed 1.2V DC)
Resolution
14 bits = 12
V
Accuracy
5% Uncalibrated, 0.01% Calibrated
Minimum Conversion Time
35
s (5 kHz over Wi-Fi)
Sensor Power (Pin 33) Output Resistance 3.3V
10 Ω, Maximum Current = 50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com