Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN171 Datasheet(PDF) 13 Page - Microchip Technology

Part # RN171
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RN171 Datasheet HTML 9Page - Microchip Technology RN171 Datasheet HTML 10Page - Microchip Technology RN171 Datasheet HTML 11Page - Microchip Technology RN171 Datasheet HTML 12Page - Microchip Technology RN171 Datasheet HTML 13Page - Microchip Technology RN171 Datasheet HTML 14Page - Microchip Technology RN171 Datasheet HTML 15Page - Microchip Technology RN171 Datasheet HTML 16Page - Microchip Technology RN171 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
 2014-2016 Microchip Technology Inc.
DS70005171B-page 13
RN171
TABLE 3-1:
TESTED EXTERNAL
ANTENNA TYPES
3.2.1
PCB TRACE ANTENNA
Modular certification of the RN171 module was
performed with the PCB trace antenna shown in
Figure 3-4. The exact dimensions of the trace antenna
must be followed. Gerber files for the PCB trace
antenna are available on the RN171 product web page
on the Microchip web site at http://www.micro-
chip.com/rn171.
FIGURE 3-4:
PCB TRACE ANTENNA
3.2.2
CHIP ANTENNA
Modular certification of the RN171 module was pre-
formed with the fractus (http://www.fractus.com) chip
antenna part number FR05-S1-N-0-104. Peak gain
listed in the data sheet is 1.07 dBi. Any chip antenna
type may be used with the RN171 module provided the
gain is equal to or less than 1.07 dBi, and having similar
in-band and out-of-band radiation patterns as the frac-
tus antenna. For proper operation of the chip antenna,
refer to the data sheet for PCB footprint details and
mounting considerations.
3.2.3
WIRE ANTENNA
Modular certification of the RN171 module was per-
formed with the wire antenna shown in Figure 3-5.
FIGURE 3-5:
WIRE ANTENNA
The antenna is an 18-gauge wire with a length of 1 inch
± 0.25. For best performance, the wire antenna should
be perpendicular to a generous ground plane, prefera-
bly at least ¼ wavelength of 2.4 GHz (1.2 inches/30
mm).
3.2.4
WHIP ANTENNA
Modular certification of the RN171 module was per-
formed with a whip antenna with a peak gain of 2.2 dBi.
Any whip antenna type may be used with the RN171
module provided the gain is equal to or less than 2.2
dBi, and having similar in-band and out-of-band radia-
tion patterns. Connection to the whip antenna can be
by a U.FL. Figure 3-6 shows a suggested PCB layout
for a U.FL connector.
FIGURE 3-6:
U.FL CONNECTOR
Type
Gain
PCB Trace
0 dBi
Chip
1.07 dBi
Wire
0 dBi
Whip
2.2 dBi
Note 1:
An antenna type comprises antennas
having similar in-band and out-of-band
radiation patterns.
Dimensions are in inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com