Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN171 Datasheet(PDF) 6 Page - Microchip Technology

Part # RN171
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 Datasheet(HTML) 6 Page - Microchip Technology

Back Button RN171 Datasheet HTML 2Page - Microchip Technology RN171 Datasheet HTML 3Page - Microchip Technology RN171 Datasheet HTML 4Page - Microchip Technology RN171 Datasheet HTML 5Page - Microchip Technology RN171 Datasheet HTML 6Page - Microchip Technology RN171 Datasheet HTML 7Page - Microchip Technology RN171 Datasheet HTML 8Page - Microchip Technology RN171 Datasheet HTML 9Page - Microchip Technology RN171 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
RN171
DS70005171B-page 6
 2014-2016 Microchip Technology Inc.
1.3
Mounting Details
Figure 1-4 and Figure 1-5 show the module’s physical
dimensions. Figure 1-6 shows the recommended host
PCB layout.
1.4
Soldering Recommendations
The RN171 wireless module was assembled using a
standard lead-free reflow profile as shown in
Figure 1-7. The module is compatible with standard
lead-free solder reflow profiles. To avoid damaging the
module, the following recommendations are given:
• Figure 1-8 gives a recommended reflow profile for
this module
• Refer to the solder paste data sheet for specific
reflow profile recommendations
• Use no-clean flux solder paste
• Do not wash as moisture can be trapped under
the shield
• Use only one flow. If the PCB requires multiple
flows, apply the module on the last flow
FIGURE 1-4:
RN171 MODULE
PHYSICAL DIMENSIONS
(TOP AND SIDE VIEW)
35
SENSOR4
AI
Sensor interface 4(5)
36
SENSOR5
AI
Sensor interface 5(5)
37
SENSOR6
AI
Sensor interface 6(5)
38
SENSOR7
AI
Sensor interface 7(5)
39
GND
Power
Ground reference
40
RESET
DI
Module Reset. Internal 100 kΩ pull-up resistor. Apply a pulse of at
least 160
s
41
FORCE_AWAKE
DI
Module force awake. Internal 100 kΩ pull-down resistor. Apply pulse
for at least 245
s. While FORCE_AWAKE is asserted the module is
prevented from sleeping
42
GPIO14
DIO
General purpose I/O 14(2,3)
43
RTS/GPIO13
DO/DIO UART asynchronous output/general purpose I/O(2,3)
44
CTS/GPIO12
DI/DIO
UART asynchronous input/general purpose I/O(2,3)
45
RX/GPIO11
DI/DIO
UART asynchronous input/general purpose I/O(2,3)
46
TX/GPIO10
DO/DIO UART asynchronous output/general purpose I/O(2,3)
47
GND
Power
Ground reference
48
SREG_3V3_CTRL
Power
Battery boost circuit control
49
VBATT
Power
Battery voltage
TABLE 1-1:
PIN DESCRIPTION
Note 1:
Pin type abbreviation: A = Analog, D = Digital, I = Input, O = Output.
2:
Refer to Electrical Specifications for GPIO voltage and current limitations.
3:
Digital input/output (bidirectional) 8 mA drive, ~83 K internal pull-down. 3.3V tolerant. Reset State:
Pull-down.
4:
Digital input/output (bidirectional) 24 mA drive, no internal pull-down. 3.3V tolerant. Reset State: High-Z.
Do not allow to float.
5:
Analog input. 0-400 mV (Do not exceed 1.2V DC)
Top View
Side
View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com