Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN171 Datasheet(PDF) 5 Page - Microchip Technology

Part # RN171
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 Datasheet(HTML) 5 Page - Microchip Technology

  RN171 Datasheet HTML 1Page - Microchip Technology RN171 Datasheet HTML 2Page - Microchip Technology RN171 Datasheet HTML 3Page - Microchip Technology RN171 Datasheet HTML 4Page - Microchip Technology RN171 Datasheet HTML 5Page - Microchip Technology RN171 Datasheet HTML 6Page - Microchip Technology RN171 Datasheet HTML 7Page - Microchip Technology RN171 Datasheet HTML 8Page - Microchip Technology RN171 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
 2014-2016 Microchip Technology Inc.
DS70005171B-page 5
RN171
TABLE 1-1:
PIN DESCRIPTION
Pin
Symbol
Type
Description
1
GND
Power
Ground reference
2
ISP_TX
DO
In-system programming transmit
3
ISP_RX
DI
In-system programming receive
4
GPIO9/SD_CLK/SCLK
DIO
General purpose I/O 9(2,3)/SDIO clock/SD-SPI slave SCLK
5
GPIO8/SD_D3/SS
DIO
General purpose I/O 8(2,4)/SDIO D3/SD-SPI slave select
6
GPIO7/SD_D2
DIO
General purpose I/O 7(2,4)/SDIO D2
7
GPIO6/SD_D1/INT
DIO
General purpose I/O 6(2,4)/SDIO D1/SD-SPI slave INT
8
GPIO5/SD_D0/MISO
DIO
General purpose I/O 5(2,4)/SDIO D0/SD-SPI slave MISO
9
GPIO4/SD_CMD/MOSI
DIO
General purpose I/O 4(2,4)/SDIO CMD/SD-SPI slave MOSI
10
VDD
Power
Positive supply
11
GPIO3
DIO
General purpose I/O 3(2,3)
12
GPIO2
DIO
General purpose I/O 2(2,3)
13
GPIO1
DIO
General purpose I/O 1(2,3)
14
GND
Power
Ground reference
15
SPI_CS
DO
SPI master chip select to internal Flash memory chip select. (Do not
connect.)
16
SPI_MISO
DI
SPI master data Input to internal Flash memory data output. (Do not
connect.)
17
SPI_SCK
DO
SPI master clock to internal Flash memory clock. (Do not connect.)
18
SPI_MOSI
DO
SPI master data output to internal Flash memory data input. (Do not
connect.)
19
FLASH_POWER
Power
Internal Flash memory power. (Do not connect.)
20
GND
Power
Ground reference
21
GND
Power
Ground reference
22
GND
Power
Ground reference
23
GND
Power
Ground reference
24
ANT
AIO
RF antenna. 50Ω impedance
25
GND
Power
Ground reference
26
GND
Power
Ground reference
27
GND
Power
Ground reference
28
GND
Power
Ground reference
29
SENSOR0
AI
Sensor interface 0(5)
30
SENSOR1
AI
Sensor interface 1(5)
31
SENSOR2
AI
Sensor interface 2(5)
32
SENSOR3
AI
Sensor interface 3(5)
33
SENSOR_POWER
Power
Sensor power
34
VDD
Power
Positive supply
Note 1:
Pin type abbreviation: A = Analog, D = Digital, I = Input, O = Output.
2:
Refer to Electrical Specifications for GPIO voltage and current limitations.
3:
Digital input/output (bidirectional) 8 mA drive, ~83 K internal pull-down. 3.3V tolerant. Reset State:
Pull-down.
4:
Digital input/output (bidirectional) 24 mA drive, no internal pull-down. 3.3V tolerant. Reset State: High-Z.
Do not allow to float.
5:
Analog input. 0-400 mV (Do not exceed 1.2V DC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com