Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN171 Datasheet(PDF) 12 Page - Microchip Technology

Part # RN171
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 Datasheet(HTML) 12 Page - Microchip Technology

Back Button RN171 Datasheet HTML 8Page - Microchip Technology RN171 Datasheet HTML 9Page - Microchip Technology RN171 Datasheet HTML 10Page - Microchip Technology RN171 Datasheet HTML 11Page - Microchip Technology RN171 Datasheet HTML 12Page - Microchip Technology RN171 Datasheet HTML 13Page - Microchip Technology RN171 Datasheet HTML 14Page - Microchip Technology RN171 Datasheet HTML 15Page - Microchip Technology RN171 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
RN171
DS70005171B-page 12
 2014-2016 Microchip Technology Inc.
FIGURE 3-2:
RN171 APPLICATION SCHEMATIC – BATTERY BOOST POWER MODE
FIGURE 3-3:
IN-SYSTEM PROGRAMMING (ISP) HEADER
3.2
External Antenna Types
The RN171 module has a 50Ω antenna connection on
pin 24. Connect to an antenna through a host PCB
micro-strip trace layout to an external connector, PCB
trace antenna, or component (chip) antenna. This trace
can be extended to include passive parts for antenna
attenuation padding, impedance matching, or to pro-
vide test ports. Other components, such as amplifiers
and active drivers, are not considered part of the trace
layout and may void the RN171’s modular certification.
It is recommended that the trace layout from pin 24 to
the external connector or antenna be as short as pos-
sible for minimum loss and best impedance matching.
If the trace layout is longer, it should be a 50Ω imped-
ance microstrip or coplanar waveguide PCB trace.
Adjacent ground pins 21-23 and 25-27 should be con-
nected to a low-impedance ground plane on the host
PCB.
Modular certification of the RN171 module was per-
formed with the external antenna types listed in
Table 3-1. An antenna type comprises antennas having
similar in-band and out-of-band radiation patterns.
Refer to Section 4.0, Regulatory Approval for specific
regulatory requirements by country.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com