Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC930FDH Datasheet(PDF) 40 Page - NXP Semiconductors

Part # P89LPC930FDH
Description  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC930FDH Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button P89LPC930FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
40 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
the Boot Vector and Boot Status Bit. After programming the Flash, the status byte
should be programmed to zero in order to allow execution of the user’s application
code beginning at address 0000H.
In-System Programming (ISP): In-System Programming is performed without
removing the microcontroller from the system. The In-System Programming facility
consists of a series of internal hardware resources coupled with internal firmware to
facilitate remote programming of the P89LPC930/931 through the serial port. This
firmware is provided by Philips and embedded within each P89LPC930/931 device.
The Philips In-System Programming facility has made in-system programming in an
embedded application possible with a minimum of additional expense in components
and circuit board area. The ISP function uses five pins (VDD, VSS, TxD, RxD, and
RST). Only a small connector needs to be available to interface your application to an
external circuit in order to use this feature.
In-Application Programming (IAP): Several In-Application Programming (IAP) calls
are available for use by an application program to permit selective erasing, reading,
and programming of Flash sectors, pages, security bits, configuration bytes, and
device id. All calls are made through a common interface, PGM_MTP. The
programming functions are selected by setting up the microcontroller’s registers
before making a call to PGM_MTP at FF00H.
8.25 User configuration bytes
A number of user-configurable features of the P89LPC930/931 must be defined at
power-up and therefore cannot be set by the program after start of execution. These
features are configured through the use of the Flash byte UCFG1. Please see the
P89LPC930/931 User’s Manual for additional details.
8.26 User sector security bytes
There are eight User Sector Security Bytes, each corresponding to one sector.
Please see the
P89LPC930/931 User’s Manual for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com