Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC930FDH Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89LPC930FDH
Description  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC930FDH Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89LPC930FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
39 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
addition, erasing and reprogramming of user-programmable bytes including UCFG1,
the Boot Status Bit, and the Boot Vector is supported. As shipped from the factory,
the upper 512 bytes of user code space contains a serial In-System Programming
(ISP) routine allowing for the device to be programmed in circuit through the serial
port.
Flash programming and erasing: There are three methods of erasing or
programming of the Flash memory that may be used. First, the Flash may be
programmed or erased in the end-user application by calling low-level routines
through a common entry point. Second, the on-chip ISP boot loader may be invoked.
This ISP boot loader will, in turn, call low-level routines through the same common
entry point that can be used by the end-user application. Third, the Flash may be
programmed or erased using the parallel method by using a commercially available
EPROM programmer which supports this device. This device does not provide for
direct verification of code memory contents. Instead this device provides a 32-bit
CRC result on either a sector or the entire 8 kbytes of user code space.
Boot ROM: When the microcontroller programs its own Flash memory, all of the low
level details are handled by code that is contained in a Boot ROM that is separate
from the Flash memory. A user program simply calls the common entry point in the
Boot ROM with appropriate parameters to accomplish the desired operation. The
Boot ROM include operations such as erase sector, erase page, program page, CRC,
program security bit, etc. The Boot ROM occupies the program memory space at the
top of the address space from FF00 to FEFF hex, thereby not conflicting with the user
program memory space.
Power-on reset code execution: The P89LPC930/931 contains two special Flash
elements: the Boot Vector and the Boot Status Bit. Following reset, the
P89LPC930/931 examines the contents of the Boot Status Bit. If the Boot Status Bit
is set to zero, power-up execution starts at location 0000H, which is the normal start
address of the user’s application code. When the Boot Status Bit is set to a value
other than zero, the contents of the Boot Vector is used as the high byte of the
execution address and the low byte is set to 00H. The factory default setting is 01EH
(0EH for the LPC930), corresponds to the address 1E00H (0E00h for the LPC930) for
the default ISP boot loader. This boot loader is pre-programmed at the factory into
this address space and can be erased by the user. Users who wish to use this
loader should take cautions to avoid erasing the 1 kbyte sector from 1C00H to
1FFFH (0C00H to 0FFFH for the LPC930). Instead, the page erase function can
be used to erase the eight (four for the LPC930) 64-byte pages located from
1C00H to 1DFFH (0C00H to 0DFFH for the LPC930). A custom boot loader can be
written with the Boot Vector set to the custom boot loader, if desired.
Hardware activation of the boot loader: The boot loader can also be executed by
forcing the device into ISP mode during a power-on sequence (see the
P89LPC930/931 User’s Manual for specific information). This has the same effect as
having a non-zero status byte. This allows an application to be built that will normally
execute user code but can be manually forced into ISP operation. If the factory default
setting for the Boot Vector (1EH for the lPC931, 0EH for the LPC930) is changed, it
will no longer point to the factory pre-programmed ISP boot loader code. If this
happens, the only way it is possible to change the contents of the Boot Vector is
through the parallel programming method, provided that the end user application
does not contain a customized loader that provides for erasing and reprogramming of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com