Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC930FDH Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P89LPC930FDH
Description  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC930FDH Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P89LPC930FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
31 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.19 Serial Peripheral Interface (SPI)
LPC930/931 provides another high-speed serial communication interface - the SPI
interface. SPI is a full-duplex, high-speed, synchronous communication bus with two
operation modes: Master mode and Slave mode. Up to 4.5 Mbit/s can be supported
in Master or 3.0 Mbit/s in Slave mode. It has a Transfer Completion Flag and Write
Collision Flag Protection.
Fig 8.
I2C-bus serial interface block diagram.
002aaa421
ADDRESS REGISTER
COMPARATOR
SHIFT REGISTER
8
I2ADR
ACK
BIT COUNTER /
ARBITRATION &
SYNC LOGIC
8
I2DAT
TIMING
&
CONTROL
LOGIC
SERIAL CLOCK
GENERATOR
CCLK
INTERRUPT
INPUT
FILTER
OUTPUT
STAGE
INPUT
FILTER
OUTPUT
STAGE
P1.3
P1.3/SDA
P1.2/SCL
P1.2
TIMER 1
OVERFLOW
CONTROL REGISTERS &
SCL DUTY CYCLE REGISTERS
I2CON
I2SCLH
I2SCLL
8
STATUS
DECODER
STATUS BUS
STATUS REGISTER
8
I2STAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com