Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC930FDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89LPC930FDH
Description  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC930FDH Datasheet(HTML) 2 Page - NXP Semiconductors

  P89LPC930FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
2 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
s Low voltage reset (Brownout detect) allows a graceful system shutdown when
power fails. May optionally be configured as an interrupt.
s Oscillator Fail Detect. The watchdog timer has a separate fully on-chip oscillator
allowing it to perform an oscillator fail detect function.
s Configurable on-chip oscillator with frequency range and RC oscillator options
(selected by user programmed Flash configuration bits). The RC oscillator (factory
calibrated to
±1 %) option allows operation without external oscillator
components. Oscillator options support frequencies from 20 kHz to the maximum
operating frequency of 18 MHz. The RC oscillator option is selectable and fine
tunable.
s Programmable port output configuration options:
x Quasi-bidirectional
x Open drain
x Push-pull
x Input-only
s Port ‘input pattern match’ detect. Port 0 may generate an interrupt when the value
of the pins match or do not match a programmable pattern.
s Second data pointer.
s Schmitt trigger port inputs.
s LED drive capability (20 mA) on all port pins. Maximum combined I/O current of
100 mA.
s Controlled slew rate port outputs to reduce EMI. Outputs have approximately
10 ns minimum ramp times.
s 23 I/O pins minimum (28-pin package). Up to 26 I/O pins while using on-chip
oscillator and reset options.
s Only power and ground connections are required to operate the P89LPC930/931
using on-chip oscillator and on-chip reset options.
s Serial Flash programming allows in-circuit production coding. Flash security bits
prevent reading of sensitive programs.
s
In-Application Programming of the Flash code memory. This allows changing the
code in a running application.
s Idle and two different Power-down reduced power modes. Improved wake-up from
Power-down mode (a low interrupt input starts execution). Typical Power-down
current is 1
µA (total Power-down with voltage comparators disabled).
s 28-pin TSSOP package.
s Emulation support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com