Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC930FDH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89LPC930FDH
Description  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC930FDH Datasheet(HTML) 3 Page - NXP Semiconductors

  P89LPC930FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC930FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
3 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
3.
Ordering information
3.1 Ordering options
Table 1:
Ordering information
Type number
Package
Name
Description
Version
P89LPC930FDH
TSSOP28
plastic thin shrink small outline package;
28 leads; body width 4.4 mm
SOT361-1
P89LPC931FDH
TSSOP28
plastic thin shrink small outline package;
28 leads; body width 4.4 mm
SOT361-1
Table 2:
Part options
Type number
Program memory
Temperature range
Frequency
P89LPC930FDH
4 kB
−45 °Cto+85 °C
0 MHz to 18 MHz
P89LPC931FDH
8 kB
−45 °Cto+85 °C
0 MHz to 18 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com