Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712Q Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6712Q
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712Q Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6712Q Datasheet HTML 8Page - STMicroelectronics L6712Q Datasheet HTML 9Page - STMicroelectronics L6712Q Datasheet HTML 10Page - STMicroelectronics L6712Q Datasheet HTML 11Page - STMicroelectronics L6712Q Datasheet HTML 12Page - STMicroelectronics L6712Q Datasheet HTML 13Page - STMicroelectronics L6712Q Datasheet HTML 14Page - STMicroelectronics L6712Q Datasheet HTML 15Page - STMicroelectronics L6712Q Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
L6712A L6712
12/27
The transconductance resistor Rg can be designed in order to have current information of 25
µA per phase
at full nominal load; the over current intervention threshold is set at 140% of the nominal (IINFOx = 35
µA).
According to the above relationship, the over current threshold (IOCPx) for each phase, which has to be
placed at 1/2 of the total delivered maximum current, results:
Since the device senses the output current across the low-side mosfets (or across a sense resistors in
series with them) the device limits the bottom of the inductor current triangular waveform: an over current
is detected when the current flowing into the sense element is greater than IOCPx (IINFOx > 35
µA).
■ L6712 - Dynamic Maximum Duty Cycle Limitation
The maximum duty cycle is limited as a function of the measured current and, since the oscillator frequen-
cy is fixed once programmed, imply a maximum on-time limitation as follow (where T is the switching pe-
riod T=1/fSW and IOUT is the output current):
This linear dependence has a value at zero load of 0.80·T and at maximum current of 0.40·T typical and
results in two different behaviors of the device:
Figure 5. TON Limited Operation
1.TON Limited Output Voltage.
This happens when the maximum ON time is reached before the current in each phase reaches IOCPx (IIN-
FOx < 35
µA).
Figure 5a shows the maximum output voltage that the device is able to regulate considering the TON lim-
itation imposed by the previous relationship. If the desired output characteristic crosses the TON limited
maximum output voltage, the output resulting voltage will start to drop after crossing. In this case, the de-
vice doesn't perform constant current limitation but only limits the maximum duty cycle following the pre-
vious relationship. The output voltage follows the resulting characteristic (dotted in Figure 5b) until UVP is
detected or anyway until IFB = 70
µA.
I
OCPx
35
µARg
⋅
R
SENSE
---------------------------
Rg
I
OCPx RSENSE
⋅
35
µA
-------------------------------------------
=
=
T
ON,MAX
0.80
I
FB
–
5.73k
⋅
() T0.80
R
SENSE
Rg
---------------------- I
OUT 5.73 k
⋅⋅
–


T =
T
0.80 T I
FB
0
µA
=
⋅
=
T
0.40 T I
FB
70
µA
=
⋅
=
⋅
=
⋅
=
0.80·VIN
0.40·VIN
VOUT
IOUT
IOCP=2·IOCPx
(IDROOP=70
µA)
TON Limited Output
characteristic
0.80·VIN
0.40·VIN
VOUT
IOUT
IOCP=2·IOCPx
(IDROOP=70
µA)
Desired Output
characteristic and
UVP threshold
Resulting Output
characteristic
a
) Maximum output Voltage
b) TON Limited Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com