Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712Q Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6712Q
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712Q Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6712Q Datasheet HTML 9Page - STMicroelectronics L6712Q Datasheet HTML 10Page - STMicroelectronics L6712Q Datasheet HTML 11Page - STMicroelectronics L6712Q Datasheet HTML 12Page - STMicroelectronics L6712Q Datasheet HTML 13Page - STMicroelectronics L6712Q Datasheet HTML 14Page - STMicroelectronics L6712Q Datasheet HTML 15Page - STMicroelectronics L6712Q Datasheet HTML 16Page - STMicroelectronics L6712Q Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13/27
L6712A L6712
2.Constant Current Operation
This happens when ON time limitation is reached after the current in each phase reaches IOCPx (IINFOx >
35
µA).
The device enters in Quasi-Constant-Current operation: the low-side mosfets stays ON until the current
read becomes lower than IOCPx (IINFOx < 35
µA) skipping clock cycles. The high side mosfets can be turned
ON with a TON imposed by the control loop at the next available clock cycle and the device works in the
usual way until another OCP event is detected.
This means that the average current delivered can slightly increase also in Over Current condition since
the current ripple increases. In fact, the ON time increases due to the OFF time rise because of the current
has to reach the IOCPx bottom. The worst-case condition is when the ON time reaches its maximum value.
When this happens, the device works in Constant Current and the output voltage decrease as the load
increase. Crossing the UVP threshold causes the device to reset.
Figure 6 shows this working condition.
It can be observed that the peak current (Ipeak) is greater than the IOCPx but it can be determined as follow:
Where VoutMIN is the minimum output voltage (VID-40% as follow).
The device works in Constant-Current, and the output voltage decreases as the load increase, until the
output voltage reaches the under-voltage threshold (VoutMIN).
The maximum average current during the Constant-Current behavior results:
In this particular situation, the switching frequency results reduced. The ON time is the maximum allowed
(TonMAX) while the OFF time depends on the application:
Figure 6. Constant Current operation
Over current is set anyway when IINFOx reaches 35
µA (IFB=70µA). The full load value is only a convention
to work with convenient values for IFB. Since the OCP intervention threshold is fixed, to modify the per-
I
p eak
I
OCPx
V
IN
Vout
min
–
L
-------------------------------------- Ton
MAX
I
OCPx
V
IN
Vout
MIN
–
L
--------------------------------------- 0.40 T
⋅⋅
+
=
⋅
+
=
I
MAX,TOT
2I
MAX
2I
OCPx
Ipea k
I
OCPx
–
2
--------------------------------------
+


⋅
=
⋅
=
T
OFF
L
Ipea k
I
OCPx
–
V
OUt
--------------------------------------
f
1
T
ONmax
T
OFF
+
------------------------------------------
=
⋅
=
a) Maximum current for each phase
b) Output Characteristic
TonMAX
TonMAX
IOCPx
Ipeak
IMAX
Vout
Iout
(IDROOP=50
µA)
2·IOCPx (IDROOP=70
µA)
IMAX,TOT
UVP
Droop effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com