Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712Q Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6712Q
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712Q Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6712Q Datasheet HTML 11Page - STMicroelectronics L6712Q Datasheet HTML 12Page - STMicroelectronics L6712Q Datasheet HTML 13Page - STMicroelectronics L6712Q Datasheet HTML 14Page - STMicroelectronics L6712Q Datasheet HTML 15Page - STMicroelectronics L6712Q Datasheet HTML 16Page - STMicroelectronics L6712Q Datasheet HTML 17Page - STMicroelectronics L6712Q Datasheet HTML 18Page - STMicroelectronics L6712Q Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
15/27
L6712A L6712
in the regulated output voltage, the "native" offset of the amplifier must be multiplied by the term
KOS = [1+(1/RA_Gain)] because a voltage generator insisting on the non-inverting input represents
the offset.
If remote sense is not required, it is enough connecting RFB directly to the regulated voltage: VSEN be-
comes not connected and still senses the output voltage through the remote amplifier. In this case the use
of the external resistors R1 and R2 becomes optional and the Remote Sense Amplifier can simply be con-
nected as a "buffer" to keep VSEN at the regulated voltage (See figure 7). Avoiding use of Remote Am-
plifier saves its offset in the accuracy calculation but doesn't allow remote sensing.
INTEGRATED DROOP FUNCTION (Optional)
Droop function realizes dependence between the regulated voltage and the delivered current (Load Reg-
ulation). In this way, a part of the drop due to the output capacitor ESR in the load transient is recovered.
As shown in Figure 8, the ESR drop is present in any case, but using the droop function the total deviation
of the output voltage is minimized.
Connecting DROOP pin and FB pin together, forces a current IDROOP, proportional to the output current,
into the feedback resistor RFB implementing the load regulation dependence. If RA_Gain is the Remote
Amplifier gain, the Output Characteristic is then given by the following relationship (when droop enabled):
with a remote amplifier gain of 1/2, the regulated output voltage results in being doubled.
The Droop current is equal to 50
µA at nominal full load and 70µA at the OC intervention threshold, so the
maximum output voltage deviation is equal to:
Droop function is provided only for positive load; if negative load is applied, and then IINFOx<0, no current
is sunk from the FB pin. The device regulates at the voltage programmed by the VID.
If this effect is not desired, shorting DROOP pin to SGND, the device regulates as a Voltage Mode Buck
converter.
Figure 8. Load Transient response (Left) and DROOP pin connection (Right).
MONITOR AND PROTECTIONS
The device monitors through pin VSEN the regulated voltage in order to build the PGOOD signal and man-
age the OVP / UVP conditions.
■ PGOOD. Power good output is forced low if the voltage sensed by VSEN is not within ±12% (Typ.) of
the programmed value (RA_Gain=1). It is an open drain output and it is enabled only after the soft start
V
OUT
1
RA_Gain
-------------------------
VID
R
FB IDROOP
⋅
–
()
⋅
1
RA_Gain
-------------------------
VID
R
FB
R
SENSE
Rg
---------------------- I
OUT
⋅⋅
–


⋅
==
∆V
FU L L
PO S ITIVE
–
LO AD
–
1
RA_Gain
------------------------- R
⋅
FB
50
µA
∆V
O C
IN TE R VEN TIO N
–
1
RA_Gain
------------------------- R
⋅
FB
70
µA
⋅
–
=
⋅
–
=
V
MAX
V
MIN
V
NOM
ESR DROP
DROOP PIN = GND
DROOP PIN = FB PIN
Reference
I
DROOP
REMOTE
AMPLIFIER
ERROR
AMPLIFIER
DROOP
FB
COMP
VSEN
FBG
FBR
Remote
Ground
Remote
V
OUT
R
F
C
F
R
FB
R2
R2
R1
R1
Short to GND if DROOP function is not
implemented (Classic Voltage Mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com